Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A61AC6VDC.9 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # A61AC6VDC.9
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A61AC6VDC.9 Datasheet(HTML) 2 Page - CIT Relay & Switch

  A61AC6VDC.9 Datasheet HTML 1Page - CIT Relay & Switch A61AC6VDC.9 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
A6
1. Series
A6
1C
S
12VDC
.9
A6
2. Contact Arrangement
1A = SPST N.O.
1C = SPDT
3. Sealing Option
S = Sealed
C = Dust Cover
4. Coil Voltage
6VDC
12VDC
24VDC
5. Coil Power
.9 = .9W
1.3 = 1.3W
6. Coil Suppression
Blank = Standard
D = Diode (1N4005) Cathode on “86” terminal
R = Resistor
* Consult factory if other values are needed
Dimensions
Units = mm
Bottom Views
Schematics & PC Layouts
1A
1C
Ordering Information


Similar Part No. - A61AC6VDC.9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A61 MACOM-A61 Datasheet
111Kb / 1P
   2 TO 6 GHz CASCADABLE AMPLIFIER
A61 MACOM-A61 Datasheet
373Kb / 2P
   Cascadable Amplifier 2 to 6 GHz
logo
Connor-Winfield Corpora...
A61 CONNOR-WINFIELD-A61 Datasheet
53Kb / 1P
   8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A61 MA-COM-A61 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 6 GHz
A61 MA-COM-A61 Datasheet
634Kb / 3P
   Cascadable Amplifier 2 to 6 GHz
More results

Similar Description - A61AC6VDC.9

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com