Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW7IC3825GNR1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MW7IC3825GNR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC3825GNR1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MW7IC3825GNR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW7IC3825GNR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW7IC3825GNR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW7IC3825GNR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW7IC3825GNR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW7IC3825GNR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC3825GNR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC3825GNR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC3825GNR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
RF Device Data
Freescale Semiconductor
MW7IC3825NR1 MW7IC3825GNR1 MW7IC3825NBR1
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-6.0, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
Input Power
Pin
45
dBm
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
WiMAX Application
Stage 1, 28 Vdc, IDQ1 = 130 mA
(Case Temperature 71°C, Pout = 5 W CW)
Stage 2, 28 Vdc, IDQ2 = 230 mA
RθJC
4.7
1.3
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22-A114)
1B (Minimum)
Machine Model (per EIA/JESD22-A115)
A (Minimum)
Charge Device Model (per JESD22-C101)
IV (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22-A113, IPC/JEDEC J-STD-020
3
260
°C
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 1 - Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
1
μAdc
Gate-Source Leakage Current
(VGS = 1.5 Vdc, VDS = 0 Vdc)
IGSS
1
μAdc
Stage 1 - On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 25 μAdc)
VGS(th)
1.2
2
2.7
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, IDQ1 = 130 mA)
VGS(Q)
2.7
Vdc
Fixture Gate Quiescent Voltage (4)
(VDD = 28 Vdc, IDQ1 = 130 mA, Measured in Functional Test)
VGG(Q)
3.5
4.2
5
Vdc
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
4. VGG = 1.55 x VGS(Q). Parameter measured on Freescale Test Fixture, due to resistive divider network on the board. Refer to Test Circuit
schematic.
(continued)


Similar Part No. - MW7IC3825GNR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC3825GNR1 FREESCALE-MW7IC3825GNR1 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC3825GNR1 NXP-MW7IC3825GNR1 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 11/2010
More results

Similar Description - MW7IC3825GNR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com