Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE850 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # HE850
Description  SECONDARY SURGE "LIGHTNING" ARRESTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

HE850 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  HE850 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. HE850 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Industrial/Commercial Version
MOV Circuit Design
Made in America utilizing
American Components
Cost Effective
Reliable Solid-State Protection
Maintenance Free
Molded Plastic Case
Threaded 1/2" NPT conduit nipple with locknut
18 " Stranded 12 AWG color coded leads
Suitable for indoor or outdoor installation
Automatic Recovery, Self Restoring
DESCRIPTION
The HE850 is a MOV (Metal Oxide Varistor) based hardwired Secondary Surge Arrester, often referred to as a
Lightning Arrester. The device is designed to protect electrical equipment from damaging effects of Spikes (+) and
Notches (-) caused by lightning, utility switching, insulation arcing, electrical motor cycling, and other large or
sudden changes in electrical power flow on incoming AC power lines.
The HE850 is a three phase, four wire arrester intended to protect 220/380 VAC systems. The epoxy
encapsulated arrester is designed to be easily installed in any position indoors or outdoors utilizing the integral 1/2"
threaded nipple and supplied metal lock nut.
The housing is molded from flame retardant plastic that is both weather and UV resistant, and complies with the UL
standard for strength and flame resistance properties. The arrester is sealed with UL component recognized epoxy
potting compound. The HE850 has four 18" long, 12 AWG multi-stranded leads that are color coded for ease of
installation.
The HVPSI HE850 is ideal protection for outdoor lighting and pole lamps, panelboards, oilfield pumps, workshops,
irrigation and sump pumps, refrigeration systems, farm equipment including milking machines and poultry
processing equipment, electric motors and controls, heat pumps and air conditioning equipment and many other
electrical devices.
The HE850 utilizes a single MOV per pole to reduce the potential load balancing/sharing problems during
operation.
UL listed versions:
HE500
120/240V, Single Phase, Three Wire, Industrial/Commercial Version.
HE510
120/240V, Single Phase, Three Wire, Residential Version.
HE1203 120/208V, Three Phase, Four Wire, Industrial/Commercial Version.
HE4803 277/480V, Three Phase, Four Wire, Industrial/Commercial Version.
Rev 1 November 2007
PO Box 700968 ● Dallas TX 75370
Ph (972) 248-7691 ● Fax (972) 381-9998
HE850
220/380VAC
3
∅, 4W
SECONDARY
SURGE
"LIGHTNING"
ARRESTER


Similar Part No. - HE850

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HE8550 HSMC-HE8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
HE8550 UTC-HE8550 Datasheet
151Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550-C-AB3-B UTC-HE8550-C-AB3-B Datasheet
56Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550-C-AE3-B UTC-HE8550-C-AE3-B Datasheet
56Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550-C-T92-B UTC-HE8550-C-T92-B Datasheet
56Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com