Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS471U10 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # CS471U10
Description  10 - 15 KV, 75nS RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS471U10 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS471U10 Datasheet HTML 1Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CS471U Series
10 - 15 KV, 75nS RECTIFIER
Electrical Characteristics at 25
°C in oil unless otherwise specified
Characteristics
Symb.
CS471U10 CS471U12 CS471U15 UNITS
Peak Reverse Voltage
VRRM
10
12
15
KV
Avg. Forward Current @ Toil = 60°C
Io
700
600
450
mA
Max. Reverse Recovery Time
trr
75
nS
Max. Reverse Current @ VRRM
IR
2
µA
Peak Surge Current, 1/2 Cycle @ 60 Hz
Ifsm
30 A
A
Peak Avalanche Energy, T = 20
µsec
Ersm
100
120
150
mJ
Maximum Forward Voltage Drop @ 1.0 A
VF
25
30
37.5
V
Storage Temperature
Tstg
-40 to 130
°C
Encapsulated in UL Listed Epoxy (94V-0)
Rev 0, 9/98
PO Box 700968 ● Dallas TX 75370
Ph (972) 248-7691 ● Fax (972) 381-9998
XXXX
CS471U12
1.80
.75
ø.032
1.64 TYP.
AFTER BENDING
.35 MAX
.75 MIN
BOTH SIDES
EPOXY FLASH ON LEAD
MAY EXTEND 0.15”
FROM DIODE BODY.
TOLERANCES:
.XX
±.050
.XXX
±.005


Similar Part No. - CS471U10

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47014-CVZR CIRRUS-CS47014-CVZR Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS47024 CIRRUS-CS47024 Datasheet
1Mb / 32P
   CS470xx Data Sheet
CS47024C-CQZ CIRRUS-CS47024C-CQZ Datasheet
692Kb / 40P
   Audio SOC Processor Family
CS47024C-DQZ CIRRUS-CS47024C-DQZ Datasheet
692Kb / 40P
   Audio SOC Processor Family
CS47028 CIRRUS-CS47028 Datasheet
1Mb / 32P
   CS470xx Data Sheet
More results

Similar Description - CS471U10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
logo
High Voltage Power Solu...
CS4792A1 HVPSI-CS4792A1 Datasheet
101Kb / 1P
   150 KV RECTIFIER
CS4920C1 HVPSI-CS4920C1 Datasheet
106Kb / 1P
   200 KV RECTIFIER
CS4468A3 HVPSI-CS4468A3 Datasheet
37Kb / 1P
   180 KV RECTIFIER
logo
PHOENIX CONTACT
1690642 PHOENIX-1690642 Datasheet
112Kb / 3P
   HC-K-KV-M32(15-21)
logo
TT Electronics.
4530 TTELEC-4530 Datasheet
269Kb / 2P
   voltage up to 15 kv dc
logo
Micropac Industries
66312 MICROPAC-66312 Datasheet
133Kb / 2P
   15 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
logo
Littelfuse
SP1064 LITTELFUSE-SP1064 Datasheet
687Kb / 5P
   SP1064 Series 8.5pF, 15 kV Diode Array
logo
Winchester Electronics ...
1069-1 WINCHESTER-1069-1 Datasheet
232Kb / 1P
   ADAPTER, F-F BULKHEAD, 10 KV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com