Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ4C1024-12FQ Datasheet(PDF) 7 Page - Texas Instruments

Part # SMJ4C1024-12FQ
Description  1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ4C1024-12FQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button SMJ4C1024-12FQ Datasheet HTML 3Page - Texas Instruments SMJ4C1024-12FQ Datasheet HTML 4Page - Texas Instruments SMJ4C1024-12FQ Datasheet HTML 5Page - Texas Instruments SMJ4C1024-12FQ Datasheet HTML 6Page - Texas Instruments SMJ4C1024-12FQ Datasheet HTML 7Page - Texas Instruments SMJ4C1024-12FQ Datasheet HTML 8Page - Texas Instruments SMJ4C1024-12FQ Datasheet HTML 9Page - Texas Instruments SMJ4C1024-12FQ Datasheet HTML 10Page - Texas Instruments SMJ4C1024-12FQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SMJ4C1024
1048576 BY 1-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SGMS023E – DECEMBER 1988 – REVISED MARCH 1996
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST
’4C1024-80
’4C1024-10
’4C1024-12
’4C1024-15
UNIT
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level
output voltage
IOH = – 5 mA
2.4
2.4
2.4
2.4
V
VOL
Low-level
output voltage
IOL = 4.2 mA
0.4
0.4
0.4
0.4
V
II
Input current
(leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All other pins = 0 V to VCC
± 10
± 10
± 10
± 10
µA
IO
Output
current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
± 10
µA
ICC1
Read- or
write-cycle
current
VCC = 5.5 V,
Minimum cycle
75
70
60
55
mA
ICC2
Standby
current
After one memory cycle,
RAS and CAS high,
VIH = 2.4 V
3
3
3
3
mA
ICC3
Average
refresh
current
(RAS only or
CBR)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only),
RAS low after CAS low (CBR)
70
65
55
50
mA
ICC4
Average page
current
VCC = 5.5 V,
tPC = minimum,
RAS low,
CAS cycling
50
45
35
30
mA
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 3)
PARAMETER
HL / JD / FQ
HJ
HK
SV
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Ci(A)
Input capacitance, address inputs
6
7
8
9
pF
Ci(D)
Input capacitance, data input
5
5
6
7
pF
Ci(RC)
Input capacitance, strobe inputs
7
7
8
8
pF
Ci(W)
Input capacitance, write-enable input
7
7
7
7
pF
Co
Output capacitance
7
9
10
8
pF
NOTE 3: Capacitance is sampled only at initial design and after any major change. Samples are tested at 0 V and 25
°C with a 1-MHz signal
applied to the pin under test. All other pins are open.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figure 1)
PARAMETER
ALT.
’4C1024-80
’4C1024-10
’4C1024-12
’4C1024-15
UNIT
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ta(C)
Access time from CAS low
tCAC
20
25
30
40
ns
ta(CA)
Access time from column address
tAA
40
45
55
70
ns
ta(R)
Access time from RAS low
tRAC
80
100
120
150
ns
ta(CP)
Access time from column precharge
tCPA
40
40
60
75
ns
tdis(CH)
Output disable time after CAS high
(see Note 4)
tOFF
20
25
30
35
ns
NOTE 4: tdis(CH) is specified when the output is no longer driven. The output is disabled by bringing CAS high.


Similar Part No. - SMJ4C1024-12FQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ418160 TI-SMJ418160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ4256FV TI-SMJ4256FV Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results

Similar Description - SMJ4C1024-12FQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
SMJ44C256 TI-SMJ44C256 Datasheet
330Kb / 21P
[Old version datasheet]   262144 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com