Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT43W Datasheet(PDF) 2 Page - Dc Components

Part # BAT43W
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BAT43W Datasheet(HTML) 2 Page - Dc Components

  BAT43W Datasheet HTML 1Page - Dc Components BAT43W Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (BAT42W AND BAT43W)
R
DC COMPONENTS CO., LTD.
5
10
0
2
4
6
8
10
12
15
25
30
20
Tamb= 25oC
REVERSE VOLTAGE, (V)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
0
5
10
0.01
0.1
10
100
1000
1
15
20
25
30
25oC
50oC
75oC
100oC
125oC
REVERSE VOLTAGE, (V)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
0
25
50
0.01
0.1
10
100
1000
1
75
100
125
90% confidence
VR=25V
Max.
Typ.
AMBIENT TEMPERATURE, (oC)
FIG. 3 - TYPICAL REVERSE CURRENT VERSUS
AMBIENT TEMPERATURE
0
0.2
0.4
0.01
0.1
1
10
1000
100
0.6
0.8
1
1.2
Tamb= 125oC
Tamb= 25oC
Tamb= - 55oC
FIG. 1 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS AT DIFFERENT
TEMPERATURES
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.2
0.4
0.6
0.8
1
0
100
200
300
400
500
TJ= 25oC
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)


Similar Part No. - BAT43W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Sangdest Microelectroni...
BAT43W SMC-BAT43W Datasheet
179Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Tak Cheong Electronics ...
BAT43W TAK_CHEONG-BAT43W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
SHENZHEN SLS TECHNOLOGY...
BAT43W SHENZHENSLS-BAT43W Datasheet
347Kb / 2P
   Plastic-Encapsulate Diodes
logo
Micro Commercial Compon...
BAT43W MCC-BAT43W Datasheet
217Kb / 3P
   200mW Schottky Diodes 30 Volts
More results

Similar Description - BAT43W

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS40 DCCOM-BAS40 Datasheet
75Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
LL103A DCCOM-LL103A Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
SD103AW DCCOM-SD103AW Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
SK12 DCCOM-SK12 Datasheet
489Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD520S DCCOM-SD520S Datasheet
270Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK32 DCCOM-SK32 Datasheet
431Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM120M DCCOM-SM120M Datasheet
348Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM150 DCCOM-SM150 Datasheet
415Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM5817 DCCOM-SM5817 Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com