Electronic Components Datasheet Search |
|
59150-2-T-01-A Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions |
|
59150-2-T-01-A Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions |
|
1 / 1 page 36 Hamlin USA Tel: +1 920 648 3000 • Fax: +1 920 648 3001 • Email: sales.us@hamlin.com Hamlin UK Tel: +44 (0)1379 649700 • Fax: +44 (0)1379 649702 • Email: sales.uk@hamlin.com Hamlin Germany Tel: +49 (0) 6181 953660 • Fax: +49 (0) 6181 9536666 • Email: sales.de@hamlin.com Hamectrol France Tel: +33 (0) 1 4687 0202 • Fax: +33 (0) 1 4686 6786 • Email: sales.fr@hamlin.com TABLE 1 Form A Normally Normally Open Change Normally Contact Type Open High Voltage Over Closed Switch Type 12 3 4 Power Watt - max. 10 10 5 5 Voltage Switching Vdc - max. 200 300 175 175 Breakdown Vdc - min. 250 450 200 200 Current Switching A - max. 0.5 0.5 0.25 0.25 Carry A - max. 1.2 1.5 1.5 1.5 Resistance Contact, Initial Ω - max. 0.2 0.2 0.2 0.2 Insulation Ω - min. 10 10 10 10 10 9 10 9 Capacitance Contact pF - typ. 0.3 0.2 0.3 0.3 Temperature Operating °C -40 to +105 -20 to +105 -40 to +105 -40 to +105 Storage °C -65 to +105 -65 to +105 -65 to +105 -65 to +105 Time Operate ms - max. 1.0 1.0 3.0 3.0 Release ms - max. 1.0 1.0 3.0 3.0 Shock 11ms 1⁄2 sine G - max. 100 100 50 50 Vibration 50-2000 Hz G - max. 30 30 30 30 TABLE 3 Cable Type:- 24 AWG 7/32 PVC 105oC UL1430/UL1569 Standard Lengths SELECT CABLE OPTION LENGTH (in) mm 01 (3,94) 100 02 (11,81) 300 03 (19,69) 500 04 (29,53) 750 05 (39,37) 1000 TABLE 4 Termination Options:- SELECT DESCRIPTION OPTION (2 WIRE VERSIONS ILLUSTRATED) A or F Tinned or untinned leads B Crimped terminals C 6.35mm fastons D AMP MTE 2.54mm pitch E JST XHP 2.5mm pitch TABLE 2 Sensitivity Options:- Activate Distances are approximate using Hamlin 57145/57150 actuator as illustrated Switch AT before modification Select Option S T U V Switch Pull In Activate Pull In Activate Pull In Activate Pull In Activate Type AT Distance AT Distance AT Distance AT Distance Range d Range d Range d Range d (in) mm (in) mm (in) mm (in) mm 1 Normally Open 12-18 (.531) 17-23 (.453) 22-28 (.394) 27-33 (.354) 2 High Voltage 13,5 11,5 10,0 9,0 3 Change Over 15-20 (.433) 20-25 (.354) 25-30 (.335) 4 Normally Closed 11,0 9,0 8,5 CUSTOMER OPTIONS - Switching Specifications CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification ORDERING INFORMATION DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser’s reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN. 59036 Switch Type Table 1 Table 2 Table 3 Table 4 Sensitivity Cable Length Termination File E61760(N) www.hamlin.com X X XX X DIMENSIONS (in) mm 59145/59150 Series 59145/59150 Features • 2 part magnetically operated proximity sensor • Flying leads can exit either left or right hand side of the housing • Case design allows screw down or adhesive mounting • Customer defined sensitivity • Choice of cable length and connector Benefits • No standby power requirement • Operates through non-ferrous materials such as wood, plastic or aluminium • Hermetically sealed, magnetically operated contacts continue to operate long after optical and other technologies fail due to contamination Applications • Position and limit sensing • Security system switch • Linear actuators • Door switch 59145 and 59150 Flange Mount Features and Benefits 59145, 59150 Sensor 57145, 57150 Actuator D Note: 59145 shown. 59150 leads exit opposite. ISSUE No: 4 DATE: 1/5/3 N.B. 57145/57150 actuator sold separately |
Similar Part No. - 59150-2-T-01-A |
|
Similar Description - 59150-2-T-01-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |