Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN28837 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN28837
Description  1/2-INCH PAL TIMER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28837 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN28837 Datasheet HTML 2Page - Texas Instruments SN28837 Datasheet HTML 3Page - Texas Instruments SN28837 Datasheet HTML 4Page - Texas Instruments SN28837 Datasheet HTML 5Page - Texas Instruments SN28837 Datasheet HTML 6Page - Texas Instruments SN28837 Datasheet HTML 7Page - Texas Instruments SN28837 Datasheet HTML 8Page - Texas Instruments SN28837 Datasheet HTML 9Page - Texas Instruments SN28837 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SN28837
1/2-INCH PAL TIMER
SOCS031B – JULY 1991
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VDD (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25°C
300 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, TSTG
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 in) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
5
5.5
V
High-level input voltage, VIH
VDD x 0.7
V
Low-level input voltage, VIL
0.8
V
Operating frequency
13.375
MHz
Power-up time
300
µs
Operating free-air temperature, TA
–20
45
°C
electrical characteristics over recommended operating ranges of supply voltage and free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
GT3/SH2 and GT1/SH3
VDD = 4.5 V,
IOH = – 4 mA
3.5
V
VOH
All other outputs
VDD = 4.5 V,
IOH = – 2 mA
3.5
V
VOL
GT3/SH2 and GT1/SH3
VDD = 4.5 V,
IOL = 4 mA
0.5
V
VOL
All other outputs
VDD = 4.5 V,
IOL = 2 mA
0.5
V
IIH§
VIH = 5 V
1
µA
IIL
VIL = 0
–30
– 200
– 500
µA
IDD(AV)
Average supply current
10
30
mA
IDD(S)
Standby supply current
1
mA
‡ The HCR, SB, and VCR inputs are Schmitt-trigger inputs with 0.1-V to 1-V hysteresis.
§ All inputs except X1 have pullup-current sources.
switching characteristics over recommended operating free-air temperature range, VDD = 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclock
Frequency
S1, S2, S3, SH1, GT2, GT1/SH3, GT3/SH2
CL =50 pF
4.458333
MHz
tw
Pulse duration
S1, S2, S3, SH1, GT2, GT1/SH3, GT3/SH2
CL = 50 pF
75
ns
t
Rise time
GT1/SH3 and GT3/SH2
10
ns
tr
Rise time
All other outputs
CL =50 pF
50
ns
tf
Fall time
GT1/SH3 and GT3/SH2
CL = 50 pF
10
ns
tf
Fall time
All other outputs
50
ns


Similar Part No. - SN28837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28837FS TI-SN28837FS Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
More results

Similar Description - SN28837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28835 TI-SN28835 Datasheet
254Kb / 17P
[Old version datasheet]   1/2-INCH NTSC TIMER
TMS3471C TI-TMS3471C Datasheet
304Kb / 19P
[Old version datasheet]   2/3-INCH NTSC TIMER
logo
Sony Corporation
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
logo
Texas Instruments
TMC57750 TI1-TMC57750 Datasheet
200Kb / 14P
[Old version datasheet]   1/4-INCH RS-170 TIMER
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
   3 1/2 Digit Timer Watch
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
ON Semiconductor
MT9V128 ONSEMI-MT9V128 Datasheet
2Mb / 88P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. F Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com