Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN10KHT5578 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN10KHT5578
Description  OCTAL TTL-TO-ECL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND OUTPUT ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 4 page
background image
SN10KHT5578
OCTAL TTL-TO-ECL TRANSLATOR WITH D-TYPE
EDGE-TRIGGERED FLIP-FLOPS AND OUTPUT ENABLE
SDZS014A – APRIL 1990 – REVISED JANUARY 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating ambient temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
CLK and D inputs
VCC = 4.5 V,
VEE = – 4.94 V,
II = – 18 mA
– 1.2
V
II
CLK and D inputs
VCC = 5.5 V,
VEE = – 5.46 V,
VI = 7 V
0.1
mA
CLK and D inputs
VCC = 5.5 V,
VEE = – 5.46 V,
VI = 2.7 V
20
IIH
VCC = 5.5 V,
VEE = – 5.46 V,
VI = – 840 mV
0
°C
350
µA
IIH
OE input
VCC = 5.5 V,
VEE = – 5.46 V,
VI = – 810 mV
25
°C
350
µA
VCC = 5.5 V,
VEE = – 5.46 V,
VI = – 735 mV
75
°C
350
CLK and D inputs
VCC = 5.5 V,
VEE = – 5.46 V,
VI = 0.5 V
– 0.5
mA
IIL
0
°C
0.5
IIL
OE input
VCC = 5.5 V,
VEE = – 5.46 V,
VI = – 1950 mV
25
°C
0.5
µA
75
°C
0.5
0
°C
– 1020
– 840
VOH‡
VCC = 4.5 V,
VEE = – 5.2 V ± 5%,
See Note 4
25
°C
– 980
– 810
mV
75
°C
– 920
– 735
0
°C
– 1950
– 1630
VOL‡
VCC = 4.5 V,
VEE = – 5.2 V ± 5%,
See Note 4
25
°C
– 1950
– 1630
mV
75
°C
– 1950
– 1600
ICCH
VCC = 5.5 V,
VEE = – 5.46 V
17.5
25
mA
ICCL
VCC = 5.5 V,
VEE = – 5.46 V
15
22
mA
IEE
VCC = 5.5 V,
VEE = – 5.46 V
– 104
– 149
mA
Ci
VCC = 5 V,
VEE = – 5.2 V,
f = 10 MHz
4
pF
† All typical values are at VCC = 5 V, VEE = –5.2 V, TA = 25°C.
‡ The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for logic levels only.
NOTE 4: Outputs are terminated through a 50-
Ω resistor to –2 V.
timing requirements over recommended operating conditions
MIN
MAX
UNIT
fclock
Clock frequency
180
MHz
t
Pulse duration CLK
High
4
ns
tw
Pulse duration, CLK
Low
4
ns
t
Setup time data before CLK
High
1.5
ns
tsu
Setup time, data before CLK
Low
2.5
ns
th
Hold time data after CLK
High
1
ns
th
Hold time, data after CLK
Low
1
ns
switching characteristics over recommended ranges of supply voltage and operating ambient
temperature (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP†
MAX
UNIT
fmax
180
MHz
tPLH
CLK
Q
0.8
2.2
4
ns
tPHL
CLK
Q
0.8
2.1
3.8
ns
tPLH
OE
Q
0.5
1.4
3.2
ns
tPHL
OE
Q
0.5
1.7
3.3
ns
tr
Y
1.5
ns
tf
Y
1.5
ns
† All typical values are at VCC = 5 V, VEE = –5.2 V, TA = 25°C.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN10KHT5574OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LS377OCTAL HEX AND QUAD D-TYPE FLIP-FLOPS WITH ENABLE 1 2 3 4 5 MoreTexas Instruments
SN54ABT377OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE 1 2 3 4 5 MoreTexas Instruments
SN54HC377OCTAL HEX AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE 1 2 3 4 5 MoreTexas Instruments
SN54AC374OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HC377OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE 1 2 3 4 5 MoreTexas Instruments
SN54LV574OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH3743.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
HD74LV574AOctal Edge-Triggered D-type Flip-Flops with 3-state Outputs 1 2 3 4 5 MoreHitachi Semiconductor
SN54ALS374AOCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl