Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN10KHT5574 Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN10KHT5574
Description  OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 6 page
background image
SN10KHT5574
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE
EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SDZS010 – JANUARY 1990 – REVISED OCTOBER 1990
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT
t
PHL
t
PLH
VOH
VOL
–890 mV
–1690 mV
50%
50%
Test Point
R1
R2
S1
CL
7 V
(See Note A)
Open
1.5 V
1.5 V
–890 mV
TEST
tPLH
tPHL
tPZH
tPZL
tPHZ
tPLZ
S1
Open
Open
Open
Closed
Open
Closed
SWITCH POSITION TABLE
High-Level
Input
Low-Level
Input
tw
50%
50%
50%
50%
VOLTAGE WAVEFORMS
PULSE DURATION
1.5 V
3 V
0
Output
Control
(Low-Level
Enabling)
Output
Waveform 1
(See Note D)
Output
Waveform 2
(See Note D)
0
VOH
VOL
3.5 V
VOLTAGE WAVEFORMS
TTL ENABLE AND DISABLE TIMES
tPLZ
tPZL
tPZH
tPHZ
1.5 V
1.5 V
0.3 V
0.3 V
1.5 V
50%
–1690 mV
Timing
Input
Data
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
ECL Input
(See Note C)
Out-of-Phase
TTL Output
VOLTAGE WAVEFORMS
ECL-INPUT PROPAGATION DELAY TIMES
80%
20%
80%
20%
tr
tf
VOH
VOL
1.5 V
1.5 V
In-Phase
TTL Output
t
PLH
t
PHL
–890 mV
–1690 mV
80%
20%
tr
20%
tf
80%
50%
–890 mV
–1690 mV
–890 mV
–1690 mV
50%
50%
th
tsu
tf
tr
80%
20%
80%
20%
NOTES: A.CL includes probe and jig capacitance.
B. For TTL inputs, input pulses are supplied by generators having the following characteristics PRR
≤ 10 MHz, Zo = 50 Ω, tr ≤ 2.5 ns,
tf ≤ 2.5 ns.
C. For ECL inputs, input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Zo = 50 Ω, tr ≤ 1.5 ns,
tf ≤ 1.5 ns.
D. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load circuit and voltage waveforms




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54HC534OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AHC574OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 Texas Instruments
SN54LV374AOCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH5743.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT374OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AC374OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AHCT574OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 Texas Instruments
54AC11534OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SNJ54HC574JOCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT534OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl