Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN10KHT5574 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN10KHT5574
Description  OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 4 page
background image
VOH
V
UNIT
ns
ns
ns
tsu
Setup time before CLK
Hold time after CLK
Pulse duration
th
tw
SN10KHT5574
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE
EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SDZS010 – JANUARY 1990 – REVISED OCTOBER 1990
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
OE only
VCC = 4.5 V,
VEE = – 4.94 V,
II = – 18 mA
– 1.2
V
VCC = 4.5 V,
VEE = – 5.2 V ±5%,
IOH = – 3 mA
2.4
3.3
VCC = 4.5 V,
VEE = – 5.2 V ±5%,
IOH = – 15 mA
2
3.1
VOL
VCC = 4.5 V,
VEE = – 5.2 V ±5%,
IOL = 48 mA
0.38
0.55
V
II
OE only
VCC = 5.5 V,
VEE = – 5.46 V,
VI = 7 V
0.1
mA
IIH
OE only
VCC = 5.5 V,
VEE = – 5.46 V,
VI = 2.7 V
20
µA
IIL
OE only
VCC = 5.5 V,
VEE = – 5.46 V,
VI = 0.5 V
– 0.5
mA
VCC = 5.5 V,
VEE = – 5.46 V,
VI = – 840 mV
TA = 0°C
350
IIH
Data inputs and CLK
VCC = 5.5 V,
VEE = – 5.46 V,
VI = – 810 mV
TA = 25°C
350
µA
VCC = 5.5 V,
VEE = – 5.46 V,
VI = – 735 mV
TA = 75°C
350
TA = 0°C
0.5
IIL
Data inputs and CLK
VCC = 5.5 V,
VEE = – 5.46 V,
VI = – 1950 mV
TA = 25°C
0.5
µA
TA = 75°C
0.5
IOZH
VCC = 5.5 V,
VEE = – 5.46 V,
VO = 2.7 V
50
µA
IOZL
VCC = 5.5 V,
VEE = – 5.46 V,
VO = 0.5 V
–50
µA
IOS‡
VCC = 5.5 V,
VEE = – 5.46 V,
VO = 0 V
– 100
– 225
mA
ICCH
VCC = 5.5 V,
VEE = – 5.46 V
66
95
mA
ICCL
VCC = 5.5 V,
VEE = – 5.46 V
76
110
mA
ICCZ
VCC = 5.5 V,
VEE = – 5.46 V
74
106
mA
IEE
VCC = 5.5 V,
VEE = – 5.46 V
–43
–61
mA
Ci
VCC = 5.5 V,
VEE = – 5.2 V,
f = 10 MHz
5
pF
Co
VCC = 5.5 V,
VEE = – 5.2 V,
f = 10 MHz
7
pF
† All typical values are at VCC = 5 V, VEE = –5.2 V, TA = 25°C.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
timing requirements
VCC = 4.5 V to 5.5 V,
VEE = – 4.94 V to – 5.46 V,
TA = MIN to MAX§
MIN
MAX
CLK high
4
CLK low
4
Data high
1
Data low
1
Data high
1
Data low
1
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54HC534OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AHC574OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 Texas Instruments
SN54LV374AOCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH5743.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT374OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AC374OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AHCT574OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 Texas Instruments
54AC11534OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SNJ54HC574JOCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT534OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl