Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAL16R6AMJB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PAL16R6AMJB
Description  STANDARD HIGH-SPEED PAL CIRCUITS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAL16R6AMJB Datasheet(HTML) 9 Page - Texas Instruments

Back Button PAL16R6AMJB Datasheet HTML 5Page - Texas Instruments PAL16R6AMJB Datasheet HTML 6Page - Texas Instruments PAL16R6AMJB Datasheet HTML 7Page - Texas Instruments PAL16R6AMJB Datasheet HTML 8Page - Texas Instruments PAL16R6AMJB Datasheet HTML 9Page - Texas Instruments PAL16R6AMJB Datasheet HTML 10Page - Texas Instruments PAL16R6AMJB Datasheet HTML 11Page - Texas Instruments PAL16R6AMJB Datasheet HTML 12Page - Texas Instruments PAL16R6AMJB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PAL16L8AM, PAL16L8A-2M, PAL16R4AM, PAL16R4A-2M
PAL16R6AM, PAL16R6A-2M, PAL16R8AM, PAL16R8A-2M
STANDARD HIGH-SPEED PAL® CIRCUITS
SRPS016 – D2705, FEBRUARY 1984 – REVISED MARCH 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
programming information
Texas Instruments programmable logic devices can be programmed using widely available software and
inexpensive device programmers.
Complete programming specifications, algorithms, and the latest information on hardware, software, and
firmware are available upon request. Information on programmers capable of programming Texas Instruments
programmable logic is also available, upon request, from the nearest TI field sales office, local authorized TI
distributor, or by calling Texas Instruments at (214) 997-5666.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
12
mA
TA
Operating free-air temperature
–55
25
125
°C


Similar Part No. - PAL16R6AMJB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PAL16R6AM NSC-PAL16R6AM Datasheet
448Kb / 14P
   Progammable Array Logic Series 24 (PAL Series 24)
More results

Similar Description - PAL16R6AMJB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PAL16P8 NSC-PAL16P8 Datasheet
508Kb / 13P
   PROGRAMMABLE ARRAY LOGIC(PAL) HIGH SPEED PAL SERIES 20AP
logo
Texas Instruments
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com