Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320C50HFG Datasheet(PDF) 7 Page - Texas Instruments

Part # SMJ320C50HFG
Description  DIGITAL SIGNAL PROCESSOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ320C50HFG Datasheet(HTML) 7 Page - Texas Instruments

Back Button SMJ320C50HFG Datasheet HTML 3Page - Texas Instruments SMJ320C50HFG Datasheet HTML 4Page - Texas Instruments SMJ320C50HFG Datasheet HTML 5Page - Texas Instruments SMJ320C50HFG Datasheet HTML 6Page - Texas Instruments SMJ320C50HFG Datasheet HTML 7Page - Texas Instruments SMJ320C50HFG Datasheet HTML 8Page - Texas Instruments SMJ320C50HFG Datasheet HTML 9Page - Texas Instruments SMJ320C50HFG Datasheet HTML 10Page - Texas Instruments SMJ320C50HFG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020 – JUNE 1996
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions (continued)
PIN
DESCRIPTION
NAME
TYPE†
DESCRIPTION
MEMORY CONTROL SIGNALS (CONTINUED)
WE
O/Z
Write enable. The falling edge indicates that the device is driving the external data bus (D15 – D0). Data can be
latched by an external device on the rising edge of WE. This signal is active on all external program, data, and I/O
writes. WE is in the high-impedance state in hold mode or when OFF is active (low).
MULTIPROCESSING SIGNALS
HOLD
I
Hold. HOLD is asserted to request control of the address, data, and control lines. When acknowledged by the ’C50,
these lines go to the high-impedance state.
HOLDA
O/Z
Hold acknowledge. HOLDA indicates to the external circuitry that the processor is in a hold state and that the
address, data, and memory control lines are in the high-impedance state so that they are available to the external
circuitry for access to local memory. This signal also goes to the high-impedance state when OFF is active (low).
BR
I/O/Z
Bus request. BR is asserted during access of external global data memory space. READY is asserted when the
global data memory is available for the bus transaction. BR can be used to extend the data memory address space
by up to 32K words. BR goes to the high-impedance state when OFF is active low. BR is used in external DMA access
of the on-chip single-access RAM. While HOLDA is active (low), BR is externally driven (low) to request access to
the on-chip single-access RAM.
IAQ
O/Z
Instruction acquisition. Asserted (active) when there is an instruction address on the address bus; goes into the
high-impedance state when OFF is active (low). IAQ is also used in external DMA access of the on-chip
single-access RAM. While HOLDA is active (low), IAQ acknowledges the BR request for access of the on-chip
single-access RAM and stops indicating instruction acquisition.
BIO
I
Branch control. BIO samples as the BIO condition and, if it is low, causes the device to execute the conditional
instruction. BIO must be active during the fetch of the conditional instruction.
XF
O/Z
External flag (latched software-programmable signal). Set high or low by a specific instruction or by loading status
register 1 (ST1). Used for signaling other processors in multiprocessor configurations or as a general-purpose
output. XF goes to the high-impedance state when OFF is active (low) and is set high at reset.
IACK
O/Z
Interrupt acknowledge. Indicates receipt of an interrupt and that the program counter is fetching the interrupt vector
location designated by A15 – A0. IACK goes to the high-impedance state when OFF is active (low).
INITIALIZATION, INTERRUPT, AND RESET OPERATIONS
INT4
INT3
INT2
INT1
I
External interrupts. INT1 – INT4 are prioritized and maskable by the interrupt mask register (IMR) and interrupt mode
bit (INTM, bit 9 of status register 0). These signals can be polled and reset by using the interrupt flag register.
NMI
I
Nonmaskable interrupt. NMI is the external interrupt that cannot be masked via INTM or IMR. When NMI is activated,
the processor traps to the appropriate vector location.
RS
I
Reset. RS causes the device to terminate execution and forces the program counter to zero. When RS is brought
to a high level, execution begins at location zero of program memory.
MP / MC
I
Microprocessor / microcomputer select. If active (low) at reset (microcomputer mode), the signal causes the internal
program ROM to be mapped into program memory space. In the microprocessor mode, all program memory is
mapped externally. This signal is sampled only during reset, and the mode that is set at reset can be overridden via
the software control bit MP / MC in the PMST register.
OSCILLATOR / TIMER SIGNALS
CLKOUT1
O/Z
Master clock (or CLKIN2 frequency). CLKOUT1 cycles at the machine-cycle rate of the CPU. The internal machine
cycle is bounded by the rising edges of this signal. This signal goes to the high-impedance state when OFF is active
(low).
† I = input, O = output, Z = high-impedance


Similar Part No. - SMJ320C50HFG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C50HFGM50 TI1-SMJ320C50HFGM50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C50HFGM66 TI1-SMJ320C50HFGM66 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMJ320C50HFG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com