Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

MSJ350 Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part No. MSJ350
Description  a long sevice life battery up to 20years expected life under normal float charge
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CSB-BATTERY [CSB Battery Co., Ltd.]
Homepage  http://www.csb-battery.com
Logo 
   
 1 page
background image
is a long service life battery up to 20
Constant Power Discharge Characteristics
Unit:W (25
,77
)
Constant Current Discharge Characteristics
Unit:A (25
,77
)
MSJ 350 2V 350Ah
MSJ 350
Cells Per Unit
1
Voltage Per Unit
2
Capacity
350Ah @ 10hr-rate to 1.80V per cell @25
(77
)
Weight
Approx. 22.3 kg(49.16 lbs)
Maximum Discharge Current
2100A(5sec)
Internal Resistance
Approx. 0.38m
Operating Temperature Range
Discharge: -20
~50
(-4
~122
)
Charge: 0
~40
(32
~104
)
Storage: -20
~40
(-4
~104
)
Nominal Operating Temperature Range
25
3
(77
5
)
Float Charging Voltage
Recommended Maximum Charging Current Limit
105A
Equalization / Cycle Use Charging Voltage
Terminal
Container Material
Specification
The container and cover are made of flame retardant
plastics which meet ABS(UL 94-V0/File E88637)
specifications.The oxygen index level is higher than 28
2.23 0.02/Cell at 25
(77
) Temp.
Coefficient 3.3mV/
( 1.8mV/
)
3.3mV/
( 1.8mV/
)
2.35V Temps coefficient
Pb-Ca-Sn Alloy L Terminal
years expected life under normal float charge.
As wit hall CSB batteries , all are rechargeable,
highly efficient , leak proof and maintenance free.
Powered by
RA: 0812
Width (W)
Dimensions :
Unit: mm (inch)
Overall Height (H)
Container height (h)
Length (L)
365±3 (14.37±0.12)
331±3 (13.03±0.12)
150±3 (5.91±0.12)
170±3 (6.69±0.12)
F.V/Time
15MIN
30MIN
60MIN
2HR
3HR
4HR
5HR
6HR
8HR
10HR
1.60V
555
369
226
134
100
79.0
68.0
58.0
47.0
40.0
1.67V
529
354
216
130
96.0
77.0
65.0
56.0
46.0
38.0
1.70V
494
334
212
127
95.0
76.0
64.0
55.0
44.0
37.0
1.75V
438
296
196
120
89.0
72.0
61.0
53.0
43.0
36.0
1.80V
377
273
184
116
85.0
71.0
58.0
51.0
42.0
35.0
1.83V
319
246
170
109
82.0
65.0
56.0
49.0
40.0
34.0
F.V/Time
15MIN
30MIN
60MIN
2HR
3HR
4HR
5HR
6HR
8HR
10HR
1.60V
973
656
404
243
182
146
124
109
88.0
74.0
1.67V
964
652
403
240
180
145
123
107
86.0
73.0
1.70V
887
607
390
236
176
144
121
106
85.0
72.0
1.75V
798
547
364
225
169
138
117
102
83.0
70.0
1.80V
686
504
343
216
162
134
113
99.0
81.0
69.0
1.83V
580
454
316
203
155
123
107
95.0
77.0
67.0
URS according to ISO 9001,ISO 14001.
The system of manufacturer was certified by
BATTE RY
MADE IN C HINA
CSB-manufactured
VRLA batteries are UL-
recognized components
under UL924 and UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSJ200a long sevice life battery up to 20years expected life under normal float charge 1 2 CSB Battery Co., Ltd.
MSJ260a long sevice life battery up to 20years expected life under normal float charge 1 2 CSB Battery Co., Ltd.
MSJ300a long sevice life battery up to 20years expected life under normal float charge 1 2 CSB Battery Co., Ltd.
MSJ1000a long service life battery up to 20years expected life under normal float charge 1 2 CSB Battery Co., Ltd.
MSJ150a long service life battery up to 20years expected life under normal float charge 1 2 CSB Battery Co., Ltd.
SR2R5125ZHigh capacitance and low resistance for long cycle life applications 1 2 DB Lectro Inc
LWY2SGMicro SIDELED® 0.8mm long life 1 2 3 4 5 MoreOSRAM GmbH
159PUL-SIAluminum Capacitors Power Ultra Long Life Snap-In 1 2 3 4 5 MoreVishay Siliconix
SR2R5105ZHigh capacitance and low resistance for long cycle life applications 1 2 DB Lectro Inc
LWY8SGMicro SIDELED® long life Enhanced optical Power LED 1 2 3 4 5 MoreOSRAM GmbH

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl