Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC1217W Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # HC1217W
Description  specially designed for high efficient discharge application
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

HC1217W Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  HC1217W Datasheet HTML 1Page - CSB Battery Co., Ltd. HC1217W Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cells Per Unit
6
Voltage Per Unit
12
Capacity
17W @ 15min-rate to 1.67V per cell @25
(77
)
4Ah @ 20hr-rate to 1.75V per cell @25
(77
)
Weight
Approx.1.64 kg(3.62 lbs)
Maximum Discharge Current
60A(5sec)
Internal Resistance
Approx. 42m
Operating Temperature Range
Nominal Operating Temperature Range
25
3
(77
5
)
Float Charging Voltage
13.5 to 13.8 VDC/unit Average at 25
(77
)
Recommended Maximum Charging
1.7A
Current Limit
Equalization and Cycle Service
14.4 to 15.0 VDC/unit Average at 25
(77
)
Self Discharge
CSB Batteries can be stored for more than 6 months at
25
(77
). Please charge batteries before using. For
higher temperatures the time interval will be shorter.
Terminal
C1-Faston Tab187/250
Container Material
ABS(UL 94-HB/File E50263)*Flammability resistance of
(UL 94-V0/File E88637) can be available upon request.
Discharge: -15
~50
( 5
~122
)
Charge: -15
~40
( 5
~104
)
Storage: -15
~40
( 5
~104
)
Constant Power Discharge Characteristics
Unit:W (25
,77
)
Constant Current Discharge Characteristics
Unit:A (25
,77
)
HC 1217W
12V 17W
Specification
Powered by
HC 1217W is specially designed for high efficient discharge
application. Its invisible terminals can be inserted PC board
directly. HC series battery can serve more tha n 260 cycles
at 100 % discharge in cycle service, up to 5 years in standby
service.
Width (W)
Dimensions :
Unit: mm (inch)
Overall Height (H)
Container height (h)
Length (L)
103.5±1.5 (4.02±0.06)
102±1.5 (4.0±0.06)
139.7±1.5 (5.5±0.06)
48±1.0 (1.89±0.04)
RA: 0812
F.V/Time
2MIN
4MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
60MIN
90MIN
1.60V
29.8
21.6
17.9
15.1
12.9
9.84
8.26
6.13
3.44
2.11
1.67V
27.8
20.5
17.1
14.5
12.6
9.59
8.08
6.03
3.38
2.07
1.70V
25.8
19.5
16.3
13.9
12.2
9.38
7.90
5.93
3.32
2.01
1.75V
23.9
18.3
15.3
13.3
11.7
9.12
7.69
5.82
3.26
1.95
1.80V
22.0
17.0
14.3
12.6
11.3
8.89
7.50
5.73
3.20
1.87
1.85V
20.1
15.6
13.2
11.9
10.7
8.57
7.25
5.61
3.14
1.80
F.V/Time
2MIN
4MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
60MIN
90MIN
1.60V
358
257
215
179
152
117
99.1
73.5
41.3
25.3
1.67V
335
246
208
174
148
114
96.7
72.3
40.6
24.7
1.70V
310
233
197
166
142
111
94.0
71.2
39.8
24.0
1.75V
287
218
187
158
137
107
91.0
69.9
39.1
23.3
1.80V
265
203
173
150
131
104
88.2
68.7
38.4
22.4
1.85V
242
187
160
141
126
100
85.7
67.2
37.7
21.5
CSB-manufactured
VRLA batteries are UL-
recognized components
under UL924 and UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.


Similar Part No. - HC1217W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC12170 ETC1-HC12170 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HC12171 ETC1-HC12171 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HC12173 ETC1-HC12173 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HC12177 ETC1-HC12177 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
More results

Similar Description - HC1217W

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
HR12120W CSB-BATTERY-HR12120W Datasheet
498Kb / 2P
   specially designed for high efficient discharge application
HRL1210W CSB-BATTERY-HRL1210W Datasheet
524Kb / 2P
   specially designed for high efficient discharge application
HRL12330W CSB-BATTERY-HRL12330W Datasheet
545Kb / 2P
   specially designed for high efficient discharge application
HR1224W CSB-BATTERY-HR1224W Datasheet
486Kb / 2P
   specially designed for high efficient discharge application
HRL1280W CSB-BATTERY-HRL1280W Datasheet
518Kb / 2P
   specially designed for high efficient discharge application
HR1234W CSB-BATTERY-HR1234W Datasheet
491Kb / 2P
   specially designed for high efficient discharge application
HC1228W CSB-BATTERY-HC1228W Datasheet
494Kb / 2P
   specially designed for high efficient discharge application
HR1227W CSB-BATTERY-HR1227W Datasheet
528Kb / 2P
   specially designed for high efficient discharge application
HR1251W CSB-BATTERY-HR1251W Datasheet
490Kb / 2P
   specially designed for high efficient discharge application
HR1221W CSB-BATTERY-HR1221W_16 Datasheet
2Mb / 2P
   specially designed for high efficient discharge application
HRL12500W CSB-BATTERY-HRL12500W Datasheet
532Kb / 2P
   specially designed for high efficient discharge application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com