Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPL12120 Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # GPL12120
Description  general purpose battery up to 8 years
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

GPL12120 Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  GPL12120 Datasheet HTML 1Page - CSB Battery Co., Ltd. GPL12120 Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
by TUV CERT according to ISO9001,ISO14001.
The system of manufacturer was certified
Cells Per Unit
6
Voltage Per Unit
12
Capacity
12 Ah @ 20hr-rate to 1.75V per cell @25
(77
)
Weight
Approx. 4.1 kg(9.04 lbs)
Maximum Discharge Current
150A/180A(5sec)
Internal Resistance
Approx. 14 m
Operating Temperature Range
Nominal Operating Temperature Range
25
3
(77
5
)
Float Charging Voltage
Recommended Maximum Charging
3.6A
Current Limit
Equalization and Cycle Service
14.4 to 15.0 VDC/unit Average at 25
(77
)
Self Discharge
CSB Batteries can be stored for more than 6 months at
25
(77
) . Please charge batteries before using . For
higher temperatures the time interval will be shorter.
Terminal
F1/F2-Faston Tab187/250
Container Material
ABS(UL 94-HB/File E50263)*Flammability resistance of
(UL 94-V0/File E88637) can be available upon request.
Discharge: -15
~50
( 5
~122
)
Charge: -15
~40
( 5
~104
)
Storage: -15
~40
( 5
~104
)
Constant Power Discharge Characteristics
Unit:W (25
,77
)
Constant Current Discharge Characteristics
Unit:A (25
,77
)
GPL 12120 12V 12Ah
Specification
Powered by
GPL 12120 is a general purpose battery up to 8 years in standby
service or more than 260 cycles at 100% discharge in cycle
service . As with all CSB batteries, all are rechargeable , highly
efficient , leak proof and maintenance free.
13.5 to 13.8 VDC/unit Average at 25
(77
)
Width (W)
Dimensions :
Unit: mm (inch)
Overall Height (H)
Container height (h)
Length (L)
100±1 (3.94±0.04)
94±1 (3.7±0.04)
151±2 (5.94±0.08)
98±1 (3.85±0.04)
F.V/Time
5MIN
10MIN
15MIN
30MIN
1HR
2HR
3HR
4HR
5HR
8HR
10HR
20HR
1.60V
45.7
32.1
23.1
13.5
7.43
4.00
2.84
2.22
1.84
1.25
1.03
0.612
1.67V
44.0
31.4
23.0
13.4
7.32
3.96
2.82
2.19
1.83
1.24
1.02
0.610
1.70V
42.8
30.8
22.6
13.2
7.27
3.94
2.80
2.18
1.82
1.23
1.01
0.608
1.75V
40.3
29.4
21.9
13.0
7.14
3.89
2.77
2.16
1.81
1.22
1.00
0.600
1.80V
37.6
27.5
20.7
12.6
6.93
3.81
2.70
2.12
1.78
1.21
0.979
0.593
1.85V
33.8
24.8
19.0
11.7
6.56
3.64
2.59
2.04
1.70
1.14
0.931
0.566
F.V/Time
5MIN
10MIN
15MIN
30MIN
1HR
2HR
3HR
4HR
5HR
8HR
10HR
20HR
1.60V
487
343
258
152
84.6
46.9
33.4
26.1
21.7
14.7
12.2
6.31
1.67V
475
339
255
151
84.5
46.6
33.2
26.0
21.6
14.6
12.1
6.25
1.70V
466
333
252
150
84.1
46.1
33.1
25.9
21.5
14.5
12.0
6.23
1.75V
443
322
246
149
83.5
46.0
32.9
25.7
21.4
14.4
11.8
6.19
1.80V
416
306
235
144
81.0
44.9
32.0
25.2
21.0
14.2
11.6
6.09
1.85V
380
280
217
135
77.0
43.0
30.7
24.2
20.4
13.7
11.2
5.86
RA: 0812
CSB-manufactured
VRLA batteries are UL-
recognized components
under UL924 and UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.


Similar Part No. - GPL12120

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
GPL12120 CSB-BATTERY-GPL12120_14 Datasheet
756Kb / 2P
   As with all CSB batteries, all are rechargeable , highly efficient , leak proof and maintenance free.
GPL12120 CSB-BATTERY-GPL12120_16 Datasheet
756Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
GPL12120 CSB-BATTERY-GPL12120_17 Datasheet
428Kb / 1P
   Valve Regulated Lead Acid Battery
More results

Similar Description - GPL12120

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
GPL672 CSB-BATTERY-GPL672 Datasheet
479Kb / 2P
   general purpose battery up to 8 years
GPL1272 CSB-BATTERY-GPL1272 Datasheet
480Kb / 2P
   general purpose battery up to 8 years
GPL12750 CSB-BATTERY-GPL12750 Datasheet
530Kb / 2P
   general purpose battery up to 10 years
GP645 CSB-BATTERY-GP645 Datasheet
537Kb / 2P
   general purpose battery up to 5 years
GP672 CSB-BATTERY-GP672 Datasheet
529Kb / 2P
   general purpose battery up to 5 years
GPL12520 CSB-BATTERY-GPL12520 Datasheet
519Kb / 2P
   general purpose battery up to 10 years
GP12170 CSB-BATTERY-GP12170 Datasheet
502Kb / 2P
   general purpose battery up to 5 years
GPL12880 CSB-BATTERY-GPL12880 Datasheet
531Kb / 2P
   general purpose battery up to 10 years
GPL121000 CSB-BATTERY-GPL121000 Datasheet
533Kb / 2P
   general purpose battery up to 10
GP12200 CSB-BATTERY-GP12200 Datasheet
529Kb / 2P
   general purpose battery up to 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com