Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1222 Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # GP1222
Description  general purpose battery up to 5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

GP1222 Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  GP1222 Datasheet HTML 1Page - CSB Battery Co., Ltd. GP1222 Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cells Per Unit
6
Voltage Per Unit
12
Capacity
2.2Ah @ 20hr-rate to 1.75V per cell @25
(77
)
Weight
Approx. 0.9 kg(1.98 lbs)
Maximum Discharge Current
40A/60A(5sec)
Internal Resistance
Approx. 63 m
Operating Temperature Range
Nominal Operating Temperature Range
25
3
(77
5
)
Float Charging Voltage
Recommended Maximum Charging
0.66A
Current Limit
Equalization and Cycle Service
Self Discharge
CSB Batteries can be stored for more than 6 months at
25
(77
). Please charge batteries before using. For
higher temperatures the time interval will be shorter.
Terminal
F1/F2-Faston Tab187/250
Container Material
ABS(UL 94-HB/File E50263)*Flammability resistance of
(UL 94-V0/File E88637) can be available upon request.
Discharge: -15
~50
( 5
~122
)
Charge: -15
~40
( 5
~104
)
Storage: -15
~40
( 5
~104
)
Constant Power Discharge Characteristics
Unit:W (25
,77
)
Constant Current Discharge Characteristics
Unit:A (25
,77
)
GP 1222
12V 2.2Ah
Specification
Powered by
GP 1222 is a general purpose battery up to 5 years in standby
service or more than 260 cycles at 100% discharge in cycle
service. As with all CSB batteries, all are rechargeable, highly
efficient, leak proof and maintenance free.
Width (W)
Dimensions :
Unit: mm (inch)
Overall Height (H)
Container height (h)
Length (L)
66±1 (2.6±0.04)
60±1 (2.36±0.04)
178±0.5 (7.01±0.02)
34±0.5 (1.34±0.02)
F.V/Time
5MIN
10MIN
15MIN
30MIN
1HR
2HR
3HR
4HR
5HR
8HR
10HR
20HR
1.60V
8.67
5.90
4.45
2.63
1.42
0.820
0.590
0.470
0.390
0.260
0.219
0.125
1.67V
7.94
5.50
4.17
2.49
1.36
0.787
0.569
0.449
0.371
0.249
0.209
0.118
1.70V
7.57
5.27
4.02
2.42
1.33
0.774
0.560
0.440
0.363
0.244
0.205
0.115
1.75V
6.75
4.76
3.68
2.25
1.30
0.751
0.540
0.425
0.351
0.238
0.199
0.110
1.80V
5.84
4.16
3.31
2.08
1.25
0.730
0.520
0.410
0.340
0.231
0.192
0.105
1.85V
4.79
3.48
2.82
1.90
1.21
0.710
0.504
0.395
0.330
0.225
0.185
0.100
F.V/Time
5MIN
10MIN
15MIN
30MIN
1HR
2HR
3HR
4HR
5HR
8HR
10HR
20HR
1.60V
104
70.8
54.5
32.3
17.0
9.79
7.11
5.62
4.64
3.06
2.59
1.41
1.67V
94.066.551.730.216.39.456.825.394.452.932.491.35
1.70V
89.763.649.929.216.09.286.695.294.372.882.441.32
1.75V
81.057.545.727.015.58.996.495.134.242.802.371.28
1.80V
70.149.939.724.915.08.706.284.964.102.712.291.24
1.85V
57.541.833.822.714.58.416.084.803.972.632.221.20
13.5 to 13.8 VDC/unit Average at 25
(77
)
14.4 to 15.0 VDC/unit Average at 25
(77
)
RA:0812
CSB-manufactured
VRLA batteries are UL-
recognized components
under UL924 and UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.


Similar Part No. - GP1222

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
GP1222 CSB-BATTERY-GP1222 Datasheet
767Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
GP1222 CSB-BATTERY-GP1222_16 Datasheet
767Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
More results

Similar Description - GP1222

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
GP12200 CSB-BATTERY-GP12200 Datasheet
529Kb / 2P
   general purpose battery up to 5
GP12650 CSB-BATTERY-GP12650 Datasheet
556Kb / 2P
   general purpose battery up to 5
GP121000 CSB-BATTERY-GP121000 Datasheet
546Kb / 2P
   general purpose battery up to 5
GP6120 CSB-BATTERY-GP6120 Datasheet
532Kb / 2P
   general purpose battery up to 5
GP12120 CSB-BATTERY-GP12120 Datasheet
510Kb / 2P
   general purpose battery up to 5
GP12340 CSB-BATTERY-GP12340 Datasheet
533Kb / 2P
   general purpose battery up to 5
GP12260 CSB-BATTERY-GP12260 Datasheet
529Kb / 2P
   general purpose battery up to 5
GP1245 CSB-BATTERY-GP1245 Datasheet
541Kb / 2P
   general purpose battery up to 5
GP12400 CSB-BATTERY-GP12400 Datasheet
518Kb / 2P
   general purpose battery up to 5
GP645 CSB-BATTERY-GP645 Datasheet
537Kb / 2P
   general purpose battery up to 5 years
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com