Part Name
Included
start with
end
match
Description
2SA1043
Silicon PNP Power Transistors ( 3 Page)
SAVANTIC
100%
3 page
SavantIC Semiconductor
Product Specification
3
Silicon PNP Power Transistors
2SA1043
PACKAGE OUTLINE
Fig.2 outline dimensions (unindicated tolerance:±0.1mm)
Html Pages
1
2
3
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
RJK6014DPP
Silicon
N
Channel
MOS
FET
High
Speed
Power
Switching
1
2
3
4
Renesas Technology Corp
2SA968
Silicon
PNP
Power
Transistors
1
2
3
Inchange Semiconductor Company Limited
2SA626
Silicon
PNP
Power
Transistors
1
2
3
Inchange Semiconductor Company Limited
2SA971
Silicon
PNP
Power
Transistors
1
2
3
Inchange Semiconductor Company Limited
2SA1261
Silicon
PNP
Power
Transistors
1
2
3
Inchange Semiconductor Company Limited
2SA1293
Silicon
PNP
Power
Transistors
1
2
3
4
Inchange Semiconductor Company Limited
2SA1788
Silicon
PNP
Power
Transistors
1
2
3
Inchange Semiconductor Company Limited
2SA1488
Silicon
PNP
Power
Transistors
1
2
3
4
Inchange Semiconductor Company Limited
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl