Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLRR-3 Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # MLRR-3
Description  Miniature normally open switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

MLRR-3 Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  MLRR-3 Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLRR-3 Features and Benefits
DIMENSIONS (in) mm
Notes
1)
For details on electrical specifications, contact Hamlin.
2)
Contact rating-Product of the switching voltage and current should never exceed the
wattage rating.
Contact Hamlin for additional load/life information.
3)
Operate (inc. bounce) /Release Time-per EIA/NARM RS421A, diode suppressed coil.
4)
Pull in Range-Contact Hamlin for tolerances available within this range.
5)
Rating Sensitivity-The value at which contact ratings and operating characteristics are
determined. Derating may be required below this value.
6)
Storage Temperature-Long time exposure at elevated temperature may degrade
solderability of the leads.
Switch Type
MLRR-3
Contact Form
A
Underwriters Laboratories Recognised, File E47258 (see note 1)
ELECTRICAL RATINGS
Contact Rating (2)
Watt - max.
20
Voltage
Switching
Vdc - max.
200
Breakdown
Vdc - min.
250
Current
Switching
A - max.
1.0
Carry
A - max.
1.2
Resistance
Contact, Initial
Ω - max.
0.100
Insulation
Ω - min.
1010
Capacitance
Contact
pF - typ.
0.4
Temperature
Operating
°C
-40 to +125
Storage (6)
°C
-65 to +125
OPERATING CHARACTERISTICS
Operate Time (3)
ms - max.
0.7
Release Time (3)
ms - max.
0.2
Shock
11ms
12 sine wave
G - max.
100
Vibration
50-2000 Hertz
G - max.
30
Resonant Frequency
Hz - typ.
6250
MAGNETIC CHARACTERISTICS
Pull-In Range (4)
Ampere Turns
17-38
Rating Sensitivity (5)
Ampere Turns
20
Test Coil
L4989
Features
Miniature normally open switch
with 15.24mm x 2.66mm (0.600”
x 0.105”) glass envelope
Capable of switching 200Vdc at
up to 20 Watts.
Maximum switched current of
1.0 Amps
10
10 Ohms insulation resistance
Available sensitivity range 17-38 AT
Benefits
Hermetically sealed switch
contacts are not effected by and
have no effect on their external
environment
Low, stable contact resistance
Low space requirement
Zero operating power required
for contact closure
Fit and forget durability
Applications
Security
Limit switching
Telephone line switching
Office equipment
Automotive applications
Light inductive loads
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY
PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is
applied. Upon request, HAMLIN will assist purchasers by providing information
specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser’s reliance upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0)
6142 923920 Fax: +49 (0) 6142 923921 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1
6047 3000 Fax: +33 (0) 1 6015 9136 Email: sales.fr@hamlin.com
www.hamlin.com
ISSUE No: 4
DATE: 1/5/3


Similar Part No. - MLRR-3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MLRR-3 LITTELFUSE-MLRR-3 Datasheet
494Kb / 2P
   Axial Lead Reed Switches
More results

Similar Description - MLRR-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLRR-2 ETC1-MLRR-2 Datasheet
68Kb / 1P
   Miniature normally open switch with 19.05mm x 2.66mm
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
HAMLIN Position and Mov...
MARR-5 HAMLIN-MARR-5 Datasheet
167Kb / 1P
   Miniature normally open switch with 19.69mm x 2.66mm
MRPR-3 HAMLIN-MRPR-3 Datasheet
149Kb / 1P
   Miniature normally open switch with 19.69mm x 2.84mm
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
logo
HAMLIN Position and Mov...
MDCG-4 HAMLIN-MDCG-4 Datasheet
224Kb / 1P
   Sub-miniature normally open switch with 15.24mm x 2.28mm
MDSR-10 HAMLIN-MDSR-10 Datasheet
130Kb / 1P
   Sub-miniature normally open switch with 10.16mm x 1.80mm
MLRR-4 HAMLIN-MLRR-4 Datasheet
260Kb / 1P
   Sub-miniature normally open switch with 15.24mm x 2.54mm
logo
Teledyne Technologies I...
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com