Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCSMA-MM-RG174-24 Datasheet(PDF) 1 Page - CRYSTEK CORPORATION

Part # CCSMA-MM-RG174-24
Description  RG-174 RF Coax Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CCSMA-MM-RG174-24 Datasheet(HTML) 1 Page - CRYSTEK CORPORATION

  CCSMA-MM-RG174-24 Datasheet HTML 1Page - CRYSTEK CORPORATION CCSMA-MM-RG174-24 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RG-174 RF Coax
Cable assemblies
Rev.: E
Date: 10-02-08
Features:
Strain Relief: Adhesive shrink tubing over crimp area
Center Conductor: 26 AWG bare copper covered steel
Shielding: Tinned copper braid (90% coverage)
Insulation: Polyethylene
Jacket: Black PVC
Operating Temperature: -40°C to +85°C
RG174 50 Ohm Coaxial Cables
Part Number
Description
Length
CCSMA-MM-RG174-6
RG174 Shielded Cable, SMA Male/Male, Straight/Straight
6”
CCSMA-MM-RG174-12
RG174 Shielded Cable, SMA Male/Male, Straight/Straight
12”
CCSMA-MM-RG174-24
RG174 Shielded Cable, SMA Male/Male, Straight/Straight
24”
CCSMA-MM-RG174-36
RG174 Shielded Cable, SMA Male/Male, Straight/Straight
36”
CCSMA-MM-RG174-48
RG174 Shielded Cable, SMA Male/Male, Straight/Straight
48”
SMA / SMA [Straight/Straight]
SMA / SMA [Straight/Straight]
SMA / SMA [Straight/Right Angle]
SMA / SMA [Right Angle/Right Angle]
Part Number
Description
Length
CCSMA2-MM-RG174-6
RG174 Shielded Cable, SMA Male/Male, RA/RA
6”
CCSMA2-MM-RG174-12
RG174 Shielded Cable, SMA Male/Male, RA/RA
12”
CCSMA2-MM-RG174-24
RG174 Shielded Cable, SMA Male/Male, RA/RA
24”
CCSMA2-MM-RG174-36
RG174 Shielded Cable, SMA Male/Male, RA/RA
36”
SMA / SMA [Right Angle/Right Angle]
Part Number
Description
Length
CCSMA1-MM-RG174-6
RG174 Shielded Cable, SMA Male/Male, Straight/RA
6”
CCSMA1-MM-RG174-12
RG174 Shielded Cable, SMA Male/Male, Straight/RA
12”
CCSMA1-MM-RG174-24
RG174 Shielded Cable, SMA Male/Male, Straight/RA
24”
CCSMA1-MM-RG174-36
RG174 Shielded Cable, SMA Male/Male, Straight/RA
36”
SMA / SMA [Straight/Right Angle]
SMA / BNC [Straight/Straight]
SMA / Alligator Clips
BNC / Alligator Clips
SMA / 2.1mm Adapter


Similar Part No. - CCSMA-MM-RG174-24

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA-MM-RG316DS-12 CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-12 Datasheet
483Kb / 2P
   RG-316 Double Shielded RF Coax Cable As emblies
CCSMA-MM-RG316DS-12P CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-12P Datasheet
846Kb / 1P
   RG316DS 50 Ohm Coaxial Cables
CCSMA-MM-RG316DS-24 CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-24 Datasheet
483Kb / 2P
   RG-316 Double Shielded RF Coax Cable As emblies
CCSMA-MM-RG316DS-24P CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-24P Datasheet
846Kb / 1P
   RG316DS 50 Ohm Coaxial Cables
CCSMA-MM-RG316DS-36 CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-36 Datasheet
483Kb / 2P
   RG-316 Double Shielded RF Coax Cable As emblies
More results

Similar Description - CCSMA-MM-RG174-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7805 ETC2-7805 Datasheet
105Kb / 4P
   Coax - RG-174 Type
ANT-418-PW-QW ETC2-ANT-418-PW-QW Datasheet
144Kb / 1P
   Integral 8쩍-inch RG-174 coax cable
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
logo
Belden Inc.
8216 BELDEN-8216 Datasheet
229Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-174
logo
General Cable Technolog...
C1156 GENERAL-C1156 Datasheet
38Kb / 1P
   RG 174/U TYPE COAXIAL CABLE
logo
Crystek Corporation
150 CRYSTEKCRYSTAL-150_15 Datasheet
1Mb / 2P
   50 GHZ LOW LOSS RF COAX CABLE ASSEMBLIES
logo
Linx Technologies
CSA-RPSM-216-RSFB LINX-CSA-RPSM-216-RSFB Datasheet
228Kb / 1P
   CONSMA007 to CONREVSMA005, 8.5??RG-174 Cable
1/18/10
CSA-SMAM-216-SAFB LINX-CSA-SMAM-216-SAFB Datasheet
226Kb / 1P
   CONSMA007 to CONSMA005, 8.5 RG-174 Cable
1/18/10
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
   RF Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
   RF Cable Assemblies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com