Electronic Components Datasheet Search |
|
55100-3M-02-D Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions |
|
55100-3M-02-D Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions |
|
1 / 1 page SPECIFICATIONS Digital Switch or Digital Latch A - Analogue Hall Type 3 Wire 2 Wire (Programmable Only) (Note 2) (Voltage output) (Current Output) Supply Voltage Absolute Ratings Vdc -15 to +28 -15 to +28 8.5 (Note 1) Operate Vdc +3.8 to +24 +3.75 to +24 4.5-5.5 Overvoltage Protection Vdc-max 32 32 19.5 Output High Voltage Vdc sinking output N/A 4.65 Output Low Voltage Vdc-max 0.4 @ 20mA N/A 0.35 Output Current (continuously on) mA-max 10 N/A -1.0 to +1.0 Current Consumption over Low mA 1.6 - 5.2 5-6.9 2 - 10 Temperature Range High mA 1.6 - 5.2 12-17 2 - 10 Switching Speed kHz-max 10 10 2 Temperature Operating O C -40 to +100 -40 to +100 -40 to +100 Storage O C -65 to +105 -65 to +105 -65 to +105 Note 1 - As long as Tj (Junction Temperature) max. is not exceeded Note 2 - Preprogrammed by Hamlin or Customer pending agreement TABLE 2 Cable Length:- (Cable Type 24 AWG 7/32 PVC 105oC UL1430/UL1569) Standard Lengths SELECT CABLE OPTION LENGTH (in) mm 01 (3.94) 100 02 (11.81) 300 03 (19.69) 500 04 (29.53) 750 05 (39.37) 1000 TABLE 3 Termination Options:- SELECT DESCRIPTION (2 WIRE VERSION ILLUSTRATED) OPTION A Tinned leads B Crimped terminals C 6.35mm fastons D AMP MTE 2.54mm pitch E JST XHP 2.5mm pitch 55100 Mini Flange Mount Hall Effect Sensor Features and Benefits Features • Magnetically operated position sensor • Digital, latching or programmable analogue types available • Medium, high or programmable senisitivities • 3 wire (voltage output) or 2 wire (current output) versions • Vibration 50g max. @ 50-2,000Hz • Shock 150g max. @ 11ms 1/2 Sine • EMC to DIN 40839 (Consult Hamlin) • Reverse/Over Voltage Protection • Built in temperature compensation Benefits • High switching speed up to 10kHz • Long life; up to 20 billion operations • Unaffected by harsh environments • Operates in static or dynamic magnetic field • Customer selection of cable length and connector type Applications • Position and limit sensing • RPM measurement • Flow metering • Commutation of brushless dc motors • Angle sensing • Magnetic encoders DIMENSIONS (in) mm BLOCK DIAGRAMS CUSTOMER OPTIONS - Switching Specifications CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification ORDERING INFORMATION www.hamlin.com TABLE 1 HALL OPTIONS ACTIVATE DISTANCES ARE APPROXIMATE USING NEFEB MAGNET (.827L X .276W X .185H) 21 X 7 X 4.7 HAMLIN P /N 5812334000 Select Hall Sensitivity Activate - d Hall Option Type Gauss (Typ.) (in) mm 2M 2 Wire Switch 120 (.531) 13.5 2H 2 Wire Switch 57 (.728) 18.5 2L 2 Wire Latch 40 (.827) 21.0 3M 3 Wire Switch 130 (.492) 12.5 3H 3 Wire Switch 59 (.709) 18.0 3L 3 Wire Latch 86 (.394) 10.0 AP Analogue Programmable Consult Hamlin Table 1 Table 3 Table 2 Series 55100 Hall option Cable Length Termination 55100 XX XX X N S d Notes 1) Add capacitor Cn as shown, close to the sensor, for transient suppression if required 2) Add resistor Rpu as shown for sinking output Hamlin USA Tel: +1 920 648 3000 • Fax: +1 920 648 3001 • Email: sales.us@hamlin.com Hamlin UK Tel: +44 (0)1379 649700 • Fax: +44 (0)1379 649702 • Email: sales.uk@hamlin.com Hamlin Germany Tel: +49 (0) 6142 923920 • Fax: +49 (0) 6142 923921 • Email: sales.de@hamlin.com Hamectrol France Tel: +33 (0) 1 4687 0202 • Fax: +33 (0) 1 4686 6786 • Email: sales.fr@hamlin.com Issue No: AE Date: 05/02/09 DCR B6092 INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser’s reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN. |
Similar Part No. - 55100-3M-02-D |
|
Similar Description - 55100-3M-02-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |