Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5916-1-T-00-D Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 5916-1-T-00-D
Description  Moulded Switch Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

5916-1-T-00-D Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  5916-1-T-00-D Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
38
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 Fax: +49 (0) 6181 9536666 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 Fax: +33 (0) 1 4686 6786 Email: sales.fr@hamlin.com
TABLE 1
Form A
Normally
Contact Type
Open
Switch Type
1
Power
Watt - max.
10
Voltage
Switching
Vdc - max.
200
Breakdown
Vdc - min.
250
Current
Switching
A - max.
0.5
Carry
A - max.
0.8
Resistance
Contact, Initial
Ω - max.
0.2
Insulation
Ω - min.
10
10
Capacitance
Contact
pF - typ.
0.3
Temperature
Operating
°C
-40 to +105
Storage
°C
-65 to +105
Time
Operate
ms - max.
1.0
Release
ms - max.
1.0
Shock
11ms 1⁄2 sine
G - max.
100
Vibration
50-2000 Hz
G - max.
30
TABLE 3
Termination Options:-
SELECT
DESCRIPTION
OPTION
A
Leaded
B
Staple Form
C
Gull Wing bulk packed
D
Gull Wing taped and reel
TABLE 2
Sensitivity Options:-
Activate Distances are approximate using Hamlin 57045 actuator as illustrated
Switch AT before modification
Select Option
S
T
U
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
1 Normally Open
10-15
(.295)
15-20
(.256)
20-25
(.197)
7,5
6,5
5,0
CUSTOMER OPTIONS - Switching Specifications
CUSTOMER OPTIONS - Sensitivity and Termination Specification
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
59036
Switch Type
Table 1
Table 2
Table 3
Sensitivity
Termination
www.hamlin.com
1
X
00
X
DIMENSIONS (in) mm
59165
Series 59165
Features
2 part magnetically operated
proximity sensor
Gull Wing, leaded and staple form
options
Tape and reel option (consult Hamlin)
Moulded stand-off to allow board
washing
Customer defined sensitivity
Solder reflow capable
Benefits
Suitable for pick and place
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic or
aluminium
Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to
contamination
Applications
Position and limit sensing
Security system switch
Door switch
59165 Moulded Switch Features and Benefits
D
ISSUE No: 4
DATE: 1/5/3
N.B. 57045 actuator sold separately
Double click on tag for Recommended Land Pattern


Similar Part No. - 5916-1-T-00-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5916-BK ETC2-5916-BK Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
5916-BK APP-5916-BK Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
More results

Similar Description - 5916-1-T-00-D

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59165 HAMLIN-59165 Datasheet
187Kb / 1P
   59165 Moulded Switch Features and Benefits
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
logo
List of Unclassifed Man...
MK9SST ETC2-MK9SST Datasheet
96Kb / 1P
   Features & Benefits
logo
HAMLIN Position and Mov...
59250-1-S-01-A HAMLIN-59250-1-S-01-A Datasheet
89Kb / 1P
   Seating Occupancy Reed Switch Sensor Features and Benefits
59251-1-S-01-A HAMLIN-59251-1-S-01-A Datasheet
89Kb / 1P
   Seating Occupancy Reed Switch Sensor Features and Benefits
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
   Clamp Sensor Features and Benefits
logo
List of Unclassifed Man...
HE700 ETC2-HE700 Datasheet
486Kb / 2P
   D.I.L. Relay Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com