Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59021-I-S-05-C Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 59021-I-S-05-C
Description  Aluminium Miniature Firecracker
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59021-I-S-05-C Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59021-I-S-05-C Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.hamlin.com
TABLE 4
Termination Options:-
SELECT
DESCRIPTION
OPTION
A
Tinned leads
B
Crimped terminals
D
AMP MTE 2.54mm pitch
E
JST XHP 2.5mm pitch
F
Untinned leads
SPECIFICATIONS
ORDERING INFORMATION
59036
Switch Type
Table 1
Table 2
Table 3
Sensitivity
Cable Length
Termination
X
T
XX
X
TABLE 1
Form A
Normally
Contact Type
Open
Switch Type
1
Power
Watt - max.
10
Voltage
Switching
Vdc - max.
170
Breakdown
Vdc - min.
175
Current
Switching
A - max.
0.5
Carry
A - max.
0.5
Resistance
Contact, Initial
Ω - max.
0.2
Insulation
Ω - min.
10
10
Capacitance
Contact
pF - typ.
0.2
Temperature
Operating
°C
-40 to +105
Storage
°C
-65 to +105
Time
Operate
ms - max.
1.0
Release
ms - max.
1.0
Shock
11ms 1⁄2 sine
G - max.
100
Vibration
50-2000 Hz
G - max.
30
TABLE 3
Cable Length Options:-
(Cable Type 26 AWG
7/34 PVC 105oC
UL1430/UL1569)
Standard Lengths
SELECT
CABLE
OPTION
LENGTH
(in) mm
01
(3,94) 100
02
(11,81) 300
03
(19,69) 500
04
(29,53) 750
05
(39,37) 1000
TABLE 2
Sensitivity Options:-
Activate Distances are approximate
using Hamlin 57020 actuator
as illustrated.
Switch AT before modification
Select Option
S
T
U
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
1 Normally Open
6-10
(.236)
10-15
(.177)
13-19
(.157)
6,0
4,5
4,0
DIMENSIONS (in) mm
CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification
Series 59021
Table 3
Table 2
Table 4
Features
2 part magnetically operated
proximity sensor
Aluminium body
Normally open contact
Customer defined sensitivity
Choice of cable length and
connector
Benefits
Quick and easy to install
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic or
aluminium
Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to
contamination
Applications
Position and limit sensing
Security
Level sensing
Linear actuators
1
X
59021 Aluminium Miniature Firecracker
(.201)
ø5,10
(.600)
15,24
(Not including
encapsulant)
Table3 + (.393) 10,00
_
(.250)
6,35 Nom.
59021
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6142 923920 Fax: +49 (0) 6142 923921 Email: sales.de@hamlin.com
Hamectrol France Tel: +33(0) 1 6047 3000 Fax: +33(0) 1 6015 9136 Email: sales.fr@hamlin.com
Issue No:
AC Date: 05 .02.09 DCR6092
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION
PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY
PARTICULAR PURPOSE. Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by providing information specific
to any particular application. HAMLIN disclaims any and all liability whatsoever for any
purchaser’s reliance upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.


Similar Part No. - 59021-I-S-05-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59021-1-S-02-A LITTELFUSE-59021-1-S-02-A Datasheet
421Kb / 3P
   Reed Sensors
59021-1-S-02-E LITTELFUSE-59021-1-S-02-E Datasheet
421Kb / 3P
   Reed Sensors
59021-1-S-02-F LITTELFUSE-59021-1-S-02-F Datasheet
421Kb / 3P
   Reed Sensors
More results

Similar Description - 59021-I-S-05-C

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59010-I-S-01-A HAMLIN-59010-I-S-01-A Datasheet
42Kb / 1P
   Sub-Miniature Firecracker
logo
Dubilier
CEK DUBILIER-CEK Datasheet
249Kb / 2P
   ALUMINIUM ELECTROLYTIC MINIATURE RADIAL
CEBR DUBILIER-CEBR Datasheet
254Kb / 2P
   ALUMINIUM ELECTROLYTIC MINIATURE RADIAL
CEKR DUBILIER-CEKR Datasheet
239Kb / 2P
   ALUMINIUM ELECTROLYTIC SUPER MINIATURE
logo
Littelfuse
59030 LITTELFUSE-59030 Datasheet
495Kb / 3P
   59030 Miniature Firecracker Reed Sensor 57030 Actuator
logo
Dubilier
CEK1016TA DUBILIER-CEK1016TA Datasheet
151Kb / 2P
   ALUMINIUM ELECTROLYTIC MINIATURE RADIAL CEK
CEKR1016TA DUBILIER-CEKR1016TA Datasheet
145Kb / 2P
   ALUMINIUM ELECTROLYTIC SUPER MINIATURE CEKR
logo
HAMLIN Position and Mov...
59025-010 HAMLIN-59025-010 Datasheet
160Kb / 1P
   59025 Firecracker Features and Benefits
59020-I-S-01-A HAMLIN-59020-I-S-01-A Datasheet
67Kb / 1P
   Mini Firecracker Features and Benefits
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com