Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5112A Datasheet(PDF) 6 Page - Texas Instruments

Part # PT5112A
Description  1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5112A Datasheet(HTML) 6 Page - Texas Instruments

  PT5112A Datasheet HTML 1Page - Texas Instruments PT5112A Datasheet HTML 2Page - Texas Instruments PT5112A Datasheet HTML 3Page - Texas Instruments PT5112A Datasheet HTML 4Page - Texas Instruments PT5112A Datasheet HTML 5Page - Texas Instruments PT5112A Datasheet HTML 6Page - Texas Instruments PT5112A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
13-Oct-2005
Addendum-Page 3


Similar Part No. - PT5112A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT5112 NIEC-PT5112 Datasheet
137Kb / 3P
   DIODE MODULE 50A/1200V/1600V
More results

Similar Description - PT5112A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST300 TI-78ST300 Datasheet
190Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST305 TI1-78ST305 Datasheet
207Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI1-78ST200_14 Datasheet
228Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com