Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6655 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6655
Description  5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6655 Datasheet(HTML) 1 Page - Texas Instruments

  PT6655 Datasheet HTML 1Page - Texas Instruments PT6655 Datasheet HTML 2Page - Texas Instruments PT6655 Datasheet HTML 3Page - Texas Instruments PT6655 Datasheet HTML 4Page - Texas Instruments PT6655 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For assistance or to order, call (800) 531-5782
54
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Single Device: 5A Output
Input Voltage Range: 9V to 28V
Adjustable Output Voltage
80% Efficiency
Remote Sense Capability
Standby Function
The PT6650 series is a new addi-
tion to Power Trends’ line of 24V bus
Integrated Switching Regulators
5 AMP 24V INPUT
INTEGRATED SWITCHING REGULATOR
PT6650
Series
Standard Application
C1 = Required 100µF electrolytic
C2 = Required 330µF electrolytic
Q1= NFET-or Open Collector Gate
PT6650
4,5,6
7,8,9,10
11,12,13
V
IN
COM
COM
V
OUT
C
2
+
C
1
+
1
3
STBY
Q
1
REMOTE SENSE
LOAD
Ordering Information
PT6651
¨ = +3.3 Volts
PT6652
¨ = +2.5 Volts
PT6653
¨ = +5.0 Volts
PT6654
¨ = +9.0 Volts
PT6655
¨ = +15.0 Volts
PT6656
¨ = +12.0 Volts
PT Series Suffix (PT1234X)
Case/Pin
Heat
Heat Spreader
Configuration
Spreader with Side Tabs
Vertical Through-Hole
PR
Horizontal Through-Hole DG
Horizontal Surface Mount EB
1
Remote Sense
2
Do Not Connect
3
STBY*- Standby
4Vin
5Vin
6Vin
7
GND
8
GND
9
GND
10
GND
11
Vout
12
Vout
13
Vout
14
Vout Adjust
Pin-Out Information
(ISRs). Designed for general purpose
industrial applications requiring as
much as 5A of output current, the
PT6650 is packaged in a 14-Pin SIP
(Single In-line Package) and is available
in a surface-mount configuration.
Only two external capacitors are
required for proper operation. Please
note that this product does not include
short circuit protection.
Note: Back surface
of product is
conducting metal
54
Pkg Style 400
Specifications
Characteristics
PT6650 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = 60°C, 200 LFM, pkg P
0.1*
5.0**
A
Ta = 25°C, natural convection
0.1*
5.0**
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ 5.0A
Vo < +6V
+9V
+28V
V
Vo > +6V
Vo+3
+28V
V
Output Voltage Tolerance
∆Vo
Over Vin range
Ta = -40°C to +65°C
Vo-0.1
Vo+0.1
V
Output Voltage Adjust Range
Voadj
Pin 14 to Vo or ground
Vo = +3.3V
2.2
4.7
Vo = +2.5V
1.8
4.3
Vo = +5.0V
3.0
6.5
V
Vo = +9.0V
6.0
10.2
Vo = +12V
9.0
13.6
Vo = +15V
10.0
17.0
Line Regulation
Regline
+9V
≤Vin≤+28V, Io = 5.0A
±0.5
±1.0
%Vo
Load Regulation
Regload
Vin = +24V, 0.1≤ Io≤5.0A
±0.5
±1.0
%Vo
Vo Ripple/Noise
Vn
Vin = +24V, Io = 5.0A
Vo < +6V
50
mVpp
Vo > +6V
1.0
%Vo
Transient Response
ttr
Io step between 2.5A and 5.0A
100
µSec
with C2 = 330µF
Vos
Vo over/undershoot
100
mV
Efficiency
η
Vin = +24V, Io = 0.5x Io max
Vo = +3.3V
81
%
Vo = +2.5V
76
%
Vo = +5.0V
85
%
Vin = +24V, Io = Io max
Vo = +3.3V
80
%
Vo = +2.5V
75
%
Vo = +5.0V
84
%
Switching Frequency
ƒo
9V
≤ Vin ≤ 28V
500
550
600
kHz
Over Io range
Recommended Operating
Ta
Free Air Convection (40-60 LFM)
-40
+65
°C
Temperature Range
Over Vin and Io ranges with heat tab
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
7.5
G’s
20-2000 Hz, soldered in a PC board
Weight
14
grams
*
ISR will operate down to no load with reduced specifications. ** See SOA curves.
Note: The PT6650 Series requires a 330µF(output) and 100µF(input) electrolytic capacitors for proper operation in all applications.
Revised 2/5/99
Application Notes
Mechanical Outline
Product Selector Guide


Similar Part No. - PT6655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6655 TI1-PT6655 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT6655 TI-PT6655 Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
PT6655D TI-PT6655D Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
PT6655G TI-PT6655G Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
PT6655P TI-PT6655P Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
More results

Similar Description - PT6655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6680 TI1-PT6680 Datasheet
157Kb / 6P
[Old version datasheet]   5 Amp 18-36V Input Integrated Switching Regulator
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Texas Instruments
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6220 TI-PT6220 Datasheet
533Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com