Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRBV55BE-2970-3190 Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

Part # CRBV55BE-2970-3190
Description  VCO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CRBV55BE-2970-3190 Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CRBV55BE-2970-3190 Datasheet HTML 1Page - CRYSTEK CORPORATION CRBV55BE-2970-3190 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specification is subject to change without notice
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Tuning Curve (Typical)
Phase Noise (1 Hz BW, Typical)
Page 2 of 2
Box
ed
R
Product Control:
Crystek Part Number:
Revision Level:
Release Date:
Responsible:
A
C. Vales
02-Oct-08
CRBV55BE-2970-3190


Similar Part No. - CRBV55BE-2970-3190

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBV55BE-2974-3274 CRYSTEKMICROWAVE-CRBV55BE-2974-3274 Datasheet
184Kb / 2P
   VCO
More results

Similar Description - CRBV55BE-2970-3190

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBV55BE-3020-3050 CRYSTEKMICROWAVE-CRBV55BE-3020-3050 Datasheet
186Kb / 2P
   VCO
CRBV55BE-3130-3230 CRYSTEKMICROWAVE-CRBV55BE-3130-3230 Datasheet
187Kb / 2P
   VCO
CRBV55CL-0920-0980 CRYSTEKMICROWAVE-CRBV55CL-0920-0980 Datasheet
184Kb / 2P
   VCO
CRBV55CL-1220-1490 CRYSTEKMICROWAVE-CRBV55CL-1220-1490 Datasheet
64Kb / 2P
   VCO
CRBV55CW-0800-1600 CRYSTEKMICROWAVE-CRBV55CW-0800-1600 Datasheet
186Kb / 2P
   VCO
CRBV55CW-0950-1650 CRYSTEKMICROWAVE-CRBV55CW-0950-1650 Datasheet
65Kb / 2P
   VCO
CRBV55CW-1000-1500 CRYSTEKMICROWAVE-CRBV55CW-1000-1500 Datasheet
153Kb / 2P
   VCO
CRBV55BE-3430-3480 CRYSTEKMICROWAVE-CRBV55BE-3430-3480 Datasheet
187Kb / 2P
   VCO
CRBV55BH-4940-4940 CRYSTEKMICROWAVE-CRBV55BH-4940-4940 Datasheet
61Kb / 2P
   VCO
CRBV55CL-1256-1264 CRYSTEKMICROWAVE-CRBV55CL-1256-1264 Datasheet
64Kb / 2P
   VCO
CRBV55CW-0200-0400 CRYSTEKMICROWAVE-CRBV55CW-0200-0400 Datasheet
185Kb / 2P
   VCO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com