Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6308 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6308
Description  3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6308 Datasheet(HTML) 2 Page - Texas Instruments

  PT6308 Datasheet HTML 1Page - Texas Instruments PT6308 Datasheet HTML 2Page - Texas Instruments PT6308 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902
For assistance or to order, call (800) 531-5782
25
PT6305, 3.3 VDC
(See Note 1)
PT6307, 2.1 VDC
(See Note 1)
PT6308, 1.2 VDC
(See Note 1)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Minimum Input Voltage
(See Note 2)
Minimum Input Voltage
(See Note 2)
Minimum Input Voltage
(See Note 2)
Thermal Derating (Ta)
(See Note 3)
Thermal Derating (Ta)
(See Note 3)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Minimum Vin data is typical and is not guaranteed. The data corresponds to a 2% output voltage drop.
Note 3:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM with no optional heat tab soldered in a printed circuit board. (See Thermal Application Notes).
Iout-(Amps)
3.5
3.75
4
4.25
4.5
0
0.5
1
1.5
2
2.5
3
Iout-(Amps)
3.5
3.75
4
4.25
4.5
0
0.5
1
1.5
2
2.5
3
Iout-(Amps)
3.5
3.7
3.9
4.1
4.3
4.5
0
0.5
1
1.5
2
2.5
3
Vin-(Volts)
0
0.5
1
1.5
2
2.5
3
4.5
5
5.5
6
85
°C
90
°C
Vin-(Volts)
0
0.5
1
1.5
2
2.5
3
4.5
6.5
8.5
10.5
85
°C
90
°C
95
°C
Vin-(Volts)
0
0.5
1
1.5
2
2.5
3
4.5
6.5
8.5
10.5
70
°C
85
°C
90
°C
95
°C
Iout-(Amps)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
9.0V
8.0V
5.5V
5.0V
4.5V
Vin
Iout-(Amps)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
9.0V
8.0V
5.5V
5.0V
4.5V
Vin
Iout-(Amps)
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
4.5V
5.0V
5.5V
8.0V
9.0V
Vin
Iout-(Amps)
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
4.5V
5.0V
5.5V
8.0V
9.0V
Vin
Iout-(Amps)
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
9.0V
8.0V
5.5V
5.0V
4.5V
Vin
Iout-(Amps)
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
9.0V
8.0V
5.5V
5.0V
4.5V
Vin
Iout-(Amps)
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
4.5V
5.0V
5.5V
6.0V
Vin
Iout-(Amps)
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
6.0V
5.5V
5.0V
4.5V
Vin
Iout-(Amps)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
6.0V
5.5V
5.0V
4.5V
Vin
CHARACTERISTIC
DATA
Thermal Derating (Ta)
(See Note 3)


Similar Part No. - PT6308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6308 TI1-PT6308 Datasheet
347Kb / 6P
[Old version datasheet]   Internal Short Circuit Protection
More results

Similar Description - PT6308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
List of Unclassifed Man...
PT6200 ETC1-PT6200 Datasheet
68Kb / 3P
   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
logo
Texas Instruments
PT6202N TI1-PT6202N Datasheet
85Kb / 5P
[Old version datasheet]   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
PT7770 TI-PT7770 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7772 TI-PT7772 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7773 TI1-PT7773 Datasheet
452Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT7701 TI-PT7701 Datasheet
131Kb / 2P
[Old version datasheet]   15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PT7777 TI-PT7777 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
logo
Cypress Semiconductor
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com