Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPLL58-3900-4300 Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

Part # CPLL58-3900-4300
Description  RF PLL Synthesizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CPLL58-3900-4300 Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CPLL58-3900-4300 Datasheet HTML 1Page - CRYSTEK CORPORATION CPLL58-3900-4300 Datasheet HTML 2Page - CRYSTEK CORPORATION CPLL58-3900-4300 Datasheet HTML 3Page - CRYSTEK CORPORATION CPLL58-3900-4300 Datasheet HTML 4Page - CRYSTEK CORPORATION CPLL58-3900-4300 Datasheet HTML 5Page - CRYSTEK CORPORATION CPLL58-3900-4300 Datasheet HTML 6Page - CRYSTEK CORPORATION CPLL58-3900-4300 Datasheet HTML 7Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MICROWAVE
A Division of Crystek Corporation
PERFORMANCE SPECIFICATION
Frequency Range:
Step Size:
Settling Time, to within ± 1kHz (Freq. step < 25MHz):
Output Power:
Output Phase Noise: (See Plot Below)
@1KHz offset
@10KHz offset
@100KHz offset
@1MHz offset
Power Supply:
V1=VCO Supply
V2=PLL Supply
Supply Current:
I1=VCO Input Current
I2=PLL Input Current
Spurious Suppression
PFDSpur
Reference Feedthru
2nd
Harmonic Suppression (2nd Harmonic):
Reference Frequency
MIN
TYP
UNITS
MAX
KHz
GHz
msec
dBm
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Volts
Volts
mA
mA
dBc
dBc
dBc
MHz
dBm
Ohm
Ohm
°C
2500
0
+3.0
+6.0
-80
-90
-90
-125
4.75
5.0
5.25
2.7
3.0
3.3
35
10
-70
-70
-60
-80
-15
10
+3.0
0+6.0
100K
50
-40
+85
RF Output Level
Input Impedance
RF Output Impedance
Operating Temperature Range:
dBc
1
-25
-75
-85
-85
-130
3.900
4.300
0.582" × 0.800" SMD
CPLL58-3900-4300
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Page 2 of 7


Similar Part No. - CPLL58-3900-4300

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CPLL58-3160-3380 CRYSTEKMICROWAVE-CPLL58-3160-3380 Datasheet
132Kb / 6P
   RF PLL Synthersizer
CPLL58-3475-3475 CRYSTEKMICROWAVE-CPLL58-3475-3475 Datasheet
144Kb / 7P
   RF PLL Synthesizer
More results

Similar Description - CPLL58-3900-4300

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CPLL58-2416-2553 CRYSTEKMICROWAVE-CPLL58-2416-2553 Datasheet
130Kb / 6P
   RF PLL Synthesizer
CPLL58-2400-2500 CRYSTEKMICROWAVE-CPLL58-2400-2500 Datasheet
135Kb / 6P
   RF PLL Synthesizer
CPLL58-4160-4380 CRYSTEKMICROWAVE-CPLL58-4160-4380 Datasheet
160Kb / 6P
   RF PLL Synthesizer
logo
Raltron Electronics Cor...
PLQ RALTRON-PLQ Datasheet
128Kb / 1P
   RF PLL Synthesizer
PLR RALTRON-PLR Datasheet
139Kb / 1P
   RF PLL Synthesizer
logo
CRYSTEK CORPORATION
CPLL58-2175-2175 CRYSTEKMICROWAVE-CPLL58-2175-2175 Datasheet
135Kb / 6P
   RF PLL Synthesizer
CPLL58-3475-3475 CRYSTEKMICROWAVE-CPLL58-3475-3475 Datasheet
144Kb / 7P
   RF PLL Synthesizer
CPLL58-4240-4240 CRYSTEKMICROWAVE-CPLL58-4240-4240 Datasheet
135Kb / 6P
   RF PLL Synthesizer
CPLL58-2450-2450 CRYSTEKMICROWAVE-CPLL58-2450-2450 Datasheet
135Kb / 6P
   RF PLL Synthesizer
logo
Renesas Technology Corp
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
   High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com