Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6404 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6404
Description  3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6404 Datasheet(HTML) 1 Page - Texas Instruments

  PT6404 Datasheet HTML 1Page - Texas Instruments PT6404 Datasheet HTML 2Page - Texas Instruments PT6404 Datasheet HTML 3Page - Texas Instruments PT6404 Datasheet HTML 4Page - Texas Instruments PT6404 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
24
Application Notes
Mechanical Outline
Product Selector Guide
Revised 5/15/98
PT6400
Standard Application
C1 = Required 100µF electrolytic
C2 = Required 100µF electrolytic
Ordering Information
PT6404
¨ = +1.5 Volts
PT6405
¨ = +3.3 Volts
PT6406
¨ = +1.8 Volts
PT6407
¨ = +2.1 Volts
PT6408
¨ = +1.2 Volts
PT6409
¨ = +2.5 Volts
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
P
Horizontal Through-Hole
D
Horizontal Surface Mount
E
Pin
Function
1
Do not connect
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
VoutAdjust
Single-Device 5V to 3V Power
85% Efficiency
Small SIP Footprint
Adjustable Output Voltage
The PT6400 is a high performance
+5V to +3.3V, 3 Amp, 12-Pin SIP (Single
In-line Package) Integrated Switching
Regulator (ISR) designed for stand alone
(not parallelable) operation. This high-
performance ISR allows easy integration
of low-power 3.3V logic IC’s into existing
5V systems without redesigning the central
power supply. Only two external capacitors
are required for proper operation. The
output voltage is easily adjustable with one
external resistor. The PT6406,7,8 can be
used to terminate high-speed data buses
such as Futurebus (+2.1V) or the new GTL
(+1.2V) logic buses.
Please note that this product does not
include short circuit protection.
3 AMP ADJUSTABLE
INTEGRATED SWITCHING REGULATOR
PT6400
Series
Pin-Out Information
Note: Back surface
of product is
conducting metal.
Specifications
Characteristics
PT6400 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
4.5V
≤ Vin ≤ 5.5V
0.1*
3.0
A
Current Limit
Icl
Vin = +5V
3.6
5.0
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ 3.0A
4.5
5.5
V
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 3.0A
Vo-0.05
Vo+0.05
V
0°C
≤ Ta ≤ +70°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 5.5V, Io = 3.0A
±10
±25
mV
Load Regulation
Regload
Vin = +5V, 0.3 ≤ Io ≤ 3.0A
±10
±25
mV
Vo Ripple/Noise
Vn
Vin = 5V, Io = 3.0A
66
165
mV
Transient Response
ttr
Io step between 1.5A and 3.0A
200
µSec
with C2 = 100µF
Vos
Vo over/undershoot
200
mV
Efficiency
η
Vin = +5V, Io = 1.5A
Vo= 3.3V
85
%
Vo= 1.8V
74
%
Vo= 2.1V
77
%
Vo= 1.2V
63
%
Switching Frequency
ƒo
4.5V
≤ Vin ≤ 5.5V
500
650
800
kHz
0.3A
≤ Io ≤ 3.0A
Absolute Maximum
Ta
0—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free Air Convection (40-60 LFM)
0
+ 70**
°C
Temperature Range
At Vin= 5V, Io=2.5A
Thermal Resistance
θ
ja
Free Air Convection (40-60 LFM)
25
°C/W
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3 , 1 msec,
500
G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
20-2000 Hz, Soldered in a PC board
—15
G’s
Weight
6.5
grams
*ISR will operate down to no load with reduced specifications
**See Thermal Derating chart.
Note: The PT6400 Series requires two 100µF electrolytic or tantalum capacitors for proper operation in all applications.
Pkg Style 300
PT6400
C2
100µF
+
COM
V
OUT
2,3,4
5,6,7,8
9,10,11
12
C1
100µF
+
V
IN
COM
R1
(V
O
UP)
R2
(V
O
DOWN)


Similar Part No. - PT6404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6404D TI1-PT6404D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6404E TI1-PT6404E Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6312B TI1-PT6312B Datasheet
386Kb / 3P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com