Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29P640T-70EIP Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN29P640T-70EIP
Description  64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29P640T-70EIP Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN29P640T-70EIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29P640T-70EIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29P640T-70EIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29P640T-70EIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29P640T-70EIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29P640T-70EIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29P640T-70EIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29P640T-70EIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29P640T-70EIP Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
7
EN29LV640T/B
Rev. G, Issue Date: 2009/03/30
U
Table 2A. Top Boot Sector Address Tables (EN29LV640T)
Sector
A21 – A12
Sector Size
(Kbytes / Kwords)
Address Range (h)
Byte mode (x8)
Address Range (h)
Word Mode (x16)
SA0
0000000xxx
64/32
000000–00FFFF
000000–007FFF
SA1
0000001xxx
64/32
010000–01FFFF
008000–00FFFF
SA2
0000010xxx
64/32
020000–02FFFF
010000–017FFF
SA3
0000011xxx
64/32
030000–03FFFF
018000–01FFFF
SA4
0000100xxx
64/32
040000–04FFFF
020000–027FFF
SA5
0000101xxx
64/32
050000–05FFFF
028000–02FFFF
SA6
0000110xxx
64/32
060000–06FFFF
030000–037FFF
SA7
0000111xxx
64/32
070000–07FFFF
038000–03FFFF
SA8
0001000xxx
64/32
080000–08FFFF
040000–047FFF
SA9
0001001xxx
64/32
090000–09FFFF
048000–04FFFF
SA10
0001010xxx
64/32
0A0000–0AFFFF
050000–057FFF
SA11
0001011xxx
64/32
0B0000–0BFFFF
058000–05FFFF
SA12
0001100xxx
64/32
0C0000–0CFFFF
060000–067FFF
SA13
0001101xxx
64/32
0D0000–0DFFFF
068000–06FFFF
SA14
0001110xxx
64/32
0E0000–0EFFFF
070000–077FFF
SA15
0001111xxx
64/32
0F0000–0FFFFF
078000–07FFFF
SA16
0010000xxx
64/32
100000–10FFFF
080000–087FFF
SA17
0010001xxx
64/32
110000–11FFFF
088000–08FFFF
SA18
0010010xxx
64/32
120000–12FFFF
090000–097FFF
SA19
0010011xxx
64/32
130000–13FFFF
098000–09FFFF
SA20
0010100xxx
64/32
140000–14FFFF
0A0000–0A7FFF
SA21
0010101xxx
64/32
150000–15FFFF
0A8000–0AFFFF
SA22
0010110xxx
64/32
160000–16FFFF
0B0000–0B7FFF
SA23
0010111xxx
64/32
170000–17FFFF
0B8000–0BFFFF
SA24
0011000xxx
64/32
180000–18FFFF
0C0000–0C7FFF
SA25
0011001xxx
64/32
190000–19FFFF
0C8000–0CFFFF
SA26
0011010xxx
64/32
1A0000–1AFFFF
0D0000–0D7FFF
SA27
0011011xxx
64/32
1B0000–1BFFFF
0D8000–0DFFFF
SA28
0011100xxx
64/32
1C0000–1CFFFF
0E0000–0E7FFF
SA29
0011101xxx
64/32
1D0000–1DFFFF
0E8000–0EFFFF
SA30
0011110xxx
64/32
1E0000–1EFFFF
0F0000–0F7FFF
SA31
0011111xxx
64/32
1F0000–1FFFFF
0F8000–0FFFFF
SA32
0100000xxx
64/32
200000–20FFFF
100000–107FFF
SA33
0100001xxx
64/32
210000–21FFFF
108000–10FFFF
SA34
0100010xxx
64/32
220000–22FFFF
110000–117FFF
SA35
0100011xxx
64/32
230000–23FFFF
118000–11FFFF
SA36
0100100xxx
64/32
240000–24FFFF
120000–127FFF
SA37
0100101xxx
64/32
250000–25FFFF
128000–12FFFF
SA38
0100110xxx
64/32
260000–26FFFF
130000–137FFF
SA39
0100111xxx
64/32
270000–27FFFF
138000–13FFFF


Similar Part No. - EN29P640T-70EIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL032A EON-EN29PL032A Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL032A-70TIP EON-EN29PL032A-70TIP Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL064 EON-EN29PL064 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only
EN29PL064-70BI EON-EN29PL064-70BI Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
EN29PL064-70BIP EON-EN29PL064-70BIP Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
More results

Similar Description - EN29P640T-70EIP

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29PL64LM SPANSION-MBM29PL64LM Datasheet
797Kb / 69P
   Flash Memory 64 M (8M X 8/4M X 16) BIT
logo
Eon Silicon Solution In...
EN29LV640T EON-EN29LV640T Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064 Datasheet
3Mb / 66P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN29SL160 EON-EN29SL160 Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com