Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR370-1-102 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR370-1-102
Description  Radial Leaded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR370-1-102 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR370-1-102 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
May 1, 2007
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
.374 MAX
9,5
.216
5,5
.236
6,0
.137
3,5
.492 MAX
12,5
Unless otherwise specified,
TOLERANCE: .XXX = 0.020 inches
.X = 0.5 mm
ELECTRICAL SPECIFICATIONS AT 25°C
OPERATING TEMPERATURE -55°C to +125°C
Inductance (µH)
Part Number
1V @ 100kHz,
0Adc
DCR (mΩ) Max.
Heating Current Idc
(Note 3)
Saturating
Current Idc
(Note 4)
DR370-1-311
0.31
0.8
30
41
DR370-1-361
0.36
0.8
36
48
DR370-1-601
0.6
1.1
26
39
DR370-1-102
1.0
1.5
27
28
DR370-1-182
1.8
3.55
14.5
23
DR370-1-221
2.2
4.0
20
20
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions are shown in inches/millimeters
2.
Inductance tolerance: ± 20%
3.
DC current that will cause a rise of 40°C from ambient
4.
DC current causing a 30% drop in inductance
5.
For non-RoHS parts replace DR prefix with 42- (e.g. DR370-1 becomes 42-370-1)
6.
Terminal finish is compliant to RoHS requirements
DR370-1 Series Radial Leaded Inductors
Features
High Current Rating
Height: 9.5mm Max
Inductance Range: 0.31µH – 2.2µH
Non-RoHS Versions are Available (Note 5)
Part Number
Pin Diameter
DR370-1-311
0.059/1.5
DR370-1-361
0.059/1.5
DR370-1-601
0.059/1.5
DR370-1-102
0.051/1.3
DR370-1-182
0.039/1.0
DR370-1-221
0.035/0.9


Similar Part No. - DR370-1-102

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-2-501 DATATRONICS-DR370-2-501 Datasheet
107Kb / 1P
   Radial Leaded Inductors
DR370-3-102 DATATRONICS-DR370-3-102 Datasheet
108Kb / 1P
   Radial Leaded Inductors
DR370-3-202 DATATRONICS-DR370-3-202 Datasheet
108Kb / 1P
   Radial Leaded Inductors
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
DR370-3-471 DATATRONICS-DR370-3-471 Datasheet
108Kb / 1P
   Radial Leaded Inductors
More results

Similar Description - DR370-1-102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com