Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR354-1-243-T Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR354-1-243-T
Description  SMD INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR354-1-243-T Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR354-1-243-T Datasheet HTML 1Page - Datatronic Distribution, Inc. DR354-1-243-T Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
April 4, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR354-1 SERIES
Features
SMD Chip Inductor, Low Profile
Suitable for High Frequency Application
Inductance Range from 1.6nH to 390nH
Operating Temp. -40°C to +125°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC
900MHz
1.7GHz
Part Number
L(nH)
@250MHz
Tolerance
L Typ.
Q Typ.
L Typ.
Q Typ.
SRF
(MHz)
Min.
DCR
(Ohm)
Max.
Idc
(A)
Max.
DR354-1-162-T
1.6
20, 10
1.67
49
1.65
63
12500
0.030
0.700
DR354-1-182-T
1.8
20, 10
1.63
35
1.66
50
12500
0.045
0.700
DR354-1-362-T
3.6
20, 10
3.72
53
3.71
65
5900
0.063
0.700
DR354-1-392-T
3.9
20, 10, 5
3.95
49
3.96
67
6900
0.080
0.700
DR354-1-432-T
4.3
20, 10, 5
4.32
50
4.33
70
5900
0.063
0.700
DR354-1-472-T
4.7
20, 10, 5
4.72
47
4.75
57
5800
0.116
0.700
DR354-1-512-T
5.1
20, 10, 5
4.93
47
4.95
56
5700
0.140
0.700
DR354-1-682-T
6.8
20, 10, 5
6.75
60
7.10
81
5800
0.110
0.700
DR354-1-752-T
7.5
20, 10, 5
7.70
60
7.82
65
4800
0.106
0.700
DR354-1-872-T
8.7
20, 10, 5
8.86
62
9.32
68
4600
0.109
0.700
DR354-1-952-T
9.5
20, 10, 5
9.70
59
9.92
61
5400
0.135
0.700
DR354-1-103-T
10
10, 5, 2
10.0
66
10.6
83
4800
0.130
0.700
DR354-1-113-T
11
10, 5, 2
11.0
53
11.5
56
4000
0.086
0.700
DR354-1-123-T
12
10, 5, 2
12.3
72
13.5
83
4000
0.130
0.700
DR354-1-153-T
15
10, 5, 2
15.4
64
16.8
89
4000
0.170
0.700
DR354-1-163-T
16
10, 5, 2
16.2
55
17.3
52
3300
0.104
0.700
DR354-1-183-T
18
10, 5, 2
18.7
70
21.4
69
3100
0.170
0.700
DR354-1-223-T
22
10, 5, 2
22.8
73
26.1
71
3000
0.190
0.700
DR354-1-243-T
24
10, 5, 2
24.5
45
28.7
39
2650
0.135
0.700
DR354-1-273-T
27
10, 5, 2
29.2
74
34.6
65
2800
0.220
0.600
DR354-1-303-T
30
10, 5, 2
31.4
47
39.9
28
2250
0.144
0.600
DR354-1-333-T
33
10, 5, 2
36.0
67
49.5
42
2300
0.220
0.600
DR354-1-363-T
36
10, 5, 2
39.4
47
52.7
24
2080
0.250
0.600
DR354-1-393-T
39
10, 5, 2
42.7
60
60.2
40
2200
0.250
0.600
DR354-1-433-T
43
10, 5, 2
14.0
44
64.9
21
2000
0.280
0.600
DR354-1-473-T 47@200MHz
10, 5, 2
52.2
62
77.2
35
2000
0.280
0.600
DR354-1-563-T 56@200MHz
20, 10, 5
62.5
52
97.0
26
1900
0.310
0.600
DR354-1-683-T 68@200MHz
20, 10, 5
80.5
54
168
21
1700
0.340
0.600
DR354-1-723-T 72@150MHz
20, 10, 5
82.0
53
135
20
1700
0.490
0.400
DR354-1-823-T 82@150MHz
20, 10, 5
96.2
54
177
21
1700
0.540
0.400
DR354-1-104-T 100@150MHz
20, 10, 5
124
49
-
-
1400
0.580
0.400
DR354-1-114-T 110@150MHz
20, 10, 5
138
43
-
-
1350
0.610
0.300
DR354-1-124-T 120@150MHz
20, 10, 5
166
39
-
-
1300
0.650
0.300
DR354-1-154-T 150@150MHz
20, 10, 5
250
25
-
-
990
0.920
0.280
DR354-1-184-T 180@100MHz
20, 10, 5
305
22
-
-
990
1.250
0.240
DR354-1-224-T 220@100MHz
20, 10, 5
480
8
-
-
900
1.900
0.200
DR354-1-274-T 270@100MHz
20, 10, 5
980
4
-
-
520
2.300
0.170
DR354-1-390-K 390@100MHz
10
22 Min @100 MHz
400
2.2
0.150
INDUCTANCE TOLERANCE: WHEN ORDERING, PLEASE SPECIFY THE TOLERANCE.
-T (M=±20%, K=±10%, J=±5%, G=±2%)


Similar Part No. - DR354-1-243-T

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR354-1-243-T DATATRONICS-DR354-1-243-T Datasheet
160Kb / 2P
   SMD INDUCTOR DR354-1 SERIES
More results

Similar Description - DR354-1-243-T

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
XFSDR63SH-220 XFMRS-XFSDR63SH-220 Datasheet
52Kb / 1P
   SMD Inductor
XF7435-101M XFMRS-XF7435-101M Datasheet
47Kb / 1P
   SMD INDUCTOR
XFSDR105-330K XFMRS-XFSDR105-330K Datasheet
44Kb / 1P
   SMD Inductor
XFTPRH73-8R2M XFMRS-XFTPRH73-8R2M Datasheet
57Kb / 1P
   SMD Inductor
XFTPRH73-120M XFMRS-XFTPRH73-120M Datasheet
55Kb / 1P
   SMD Inductor
XFTPRH73T-1R0N XFMRS-XFTPRH73T-1R0N Datasheet
61Kb / 1P
   SMD Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com