Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR350-8-154 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR350-8-154
Description  SHIELDED SMD INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR350-8-154 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR350-8-154 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
July 23, 2007
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice>
8.6
2
PCB PAD LAYOUT (REF.)
SCHEMATIC
12.5 0.3
2.5
12.5 0.3
3.2
2.5
1
XXX
SHIELDED SMD INDUCTOR DR350-8 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 1.2µH to 220.0µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 7)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
µH)
DCR
(m
Ω) Max.
I rms
(A) Max.
I sat
(A) Max.
DR350-8-122
1.2
± 30%
8.28
8.2
13.0
DR350-8-272
2.7
± 30%
11.28
7.0
10.0
DR350-8-392
3.9
± 30%
12.48
6.7
9.0
DR350-8-562
5.6
± 30%
13.92
6.3
7.8
DR350-8-682
6.8
± 30%
15.72
5.9
7.2
DR350-8-103
10.0
± 20%
18.72
5.4
5.5
DR350-8-153
15.0
± 20%
22.08
5.0
4.7
DR350-8-223
22.0
± 20%
31.56
4.0
4.0
DR350-8-333
33.0
± 20%
47.40
3.4
3.2
DR350-8-473
47.0
± 20%
63.36
3.0
2.7
DR350-8-683
68.0
± 20%
93.36
2.4
2.0
DR350-8-104
100.0
± 20%
150.0
1.9
1.9
DR350-8-154
150.0
± 20%
210.0
1.6
1.5
DR350-8-224
220.0
± 20%
309.6
1.3
1.3
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other specified
3.
Inductance Test: 1kHz, 0.5Vrms
4.
Irms for an approximate 45°C temperature rise
5.
Isat for an approximate 20% drop maximum of the nominal value
6.
Tape and reel quantity, 350 pcs/reel
7.
For non-RoHS parts replace DR prefix with 42- (e.g. DR350-8 becomes 42-350-8)
8.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C
3.0
8.6
SIDE VIEW
2
1
BOTTOM VIEW
7.5 0.35
TOP VIEW


Similar Part No. - DR350-8-154

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR350-8-154 DATATRONICS-DR350-8-154 Datasheet
78Kb / 1P
   SHIELDED SMD INDUCTOR DR350-8 SERIES
More results

Similar Description - DR350-8-154

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-5-103 DATATRONICS-DR350-5-103 Datasheet
83Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com