Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430P315IDL Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430P315IDL
Description  MIXED SIGNAL MICROCONTROLLERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P315IDL Datasheet(HTML) 2 Page - Texas Instruments

  MSP430P315IDL Datasheet HTML 1Page - Texas Instruments MSP430P315IDL Datasheet HTML 2Page - Texas Instruments MSP430P315IDL Datasheet HTML 3Page - Texas Instruments MSP430P315IDL Datasheet HTML 4Page - Texas Instruments MSP430P315IDL Datasheet HTML 5Page - Texas Instruments MSP430P315IDL Datasheet HTML 6Page - Texas Instruments MSP430P315IDL Datasheet HTML 7Page - Texas Instruments MSP430P315IDL Datasheet HTML 8Page - Texas Instruments MSP430P315IDL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MSP430x31x
MIXED SIGNAL MICROCONTROLLERS
SLAS165D – FEBRUARY 1998 – REVISED APRIL 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Typical applications include sensor systems that capture analog signals, converting them to digital values, and
then processes the data and displays them or transmits them to a host system. The timer/port module provides
single-slope A/D conversion capability for resistive sensors.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SSOP
48-Pin
(DL)
SSOP
56-Pin
(DL)
JLCC
68-Pin
(FZ)
40
°Cto85°C
MSP430C311SIDL
MSP430C312IDL
MSP430C313IDL
MSP430C314IDL
– 40
°C to 85°C
MSP430P315SIDL
MSP430C315IDL
MSP430P313IDL†
MSP430P315IDL
25
°C
PMS430E313FZ†
25
°C
PMS430E315FZ
† MSP430P313/E313 not recommended for new designs – replaced by MSP430P315/E315.
functional block diagram
MSP430C312,313,314,315 and MSP430P313,315 and PMS430E313,315
Oscillator
FLL
System Clock
ACLK
MCLK
4/8/12/16 kB
ROM
8/16 kB
C: ROM
256/512 B
RAM
Power-On-
Reset
8-Bit Timer/
Counter
Serial Protocol
I/O Port
8 I/O’s, All With
Interr. Cap.
3 Int. Vectors
CPU
Incl. 16 Reg.
Test
JTAG
Bus
Conv
Timer/Port
Applications:
Timer, O/P
Basic
LCD
92 Segments
1, 2, 3, 4 MUX
Timer1
Watchdog
Timer
15/16 Bit
MAB, 16 Bit
MDB, 16 Bit
MAB, 4 Bit
MDB, 8 Bit
MCB
5
LCD
f
CMPI
TP0.0–4
CIN
XIN
Xout
XBUF
RST/NMI
P0.0–7
Com0–3
S0–18,22,23,26/
S27/O27/CMPI
R13
R23
TDI/VPP
TDO/TDI
TMS
TCK
TXD
P: OTP
A/D Conv.
Support
RXD
OPT or EPROM
E: EPROM
8
TP0.5
O2–18,22,23,26
VCC
V SS


Similar Part No. - MSP430P315IDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P315IDL TI-MSP430P315IDL Datasheet
351Kb / 31P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P315IDL TI1-MSP430P315IDL Datasheet
433Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P315IDLR TI-MSP430P315IDLR Datasheet
351Kb / 31P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P315IDLR TI1-MSP430P315IDLR Datasheet
433Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P315IDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com