Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR349-3-224 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR349-3-224
Description  SMD INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR349-3-224 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR349-3-224 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR349-3-224 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
July 13, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR349-3 SERIES
Features
Low Profile Surface Mount Design
Higher Rated Current
Inductance Range from 1
µH to 330µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
INDUCTANCE (
µH)
DCR (
Ω)
MAX.
MAX. RATED CURRENT
(mA)
DR349-3-102
1.0
±10%
@7.96MHz
0.11
1050
DR349-3-122
1.2
±10%
@7.96MHz
0.12
1000
DR349-3-152
1.5
±10%
@7.96MHz
0.15
950
DR349-3-182
1.8
±10%
@7.96MHz
0.16
900
DR349-3-222
2.2
±10%
@7.96MHz
0.18
850
DR349-3-272
2.7
±10%
@7.96MHz
0.20
800
DR349-3-332
3.3
±10%
@7.96MHz
0.22
750
DR349-3-392
3.9
±10%
@7.96MHz
0.24
700
DR349-3-472
4.7
±10%
@7.96MHz
0.27
650
DR349-3-562
5.6
±10%
@7.96MHz
0.30
650
DR349-3-682
6.8
±10%
@7.96MHz
0.35
600
DR349-3-822
8.2
±10%
@7.96MHz
0.4
600
DR349-3-103
10
±10%
@2.52MHz
0.5
550
DR349-3-123
12
±10%
@2.52MHz
0.6
500
DR349-3-153
15
±10%
@2.52MHz
0.7
450
DR349-3-183
18
±10%
@2.52MHz
0.8
400
DR349-3-223
22
±10%
@2.52MHz
0.9
370
DR349-3-273
27
±10%
@2.52MHz
1.2
330
DR349-3-333
33
±10%
@2.52MHz
1.4
300
DR349-3-393
39
±10%
@2.52MHz
1.6
280
DR349-3-473
47
±10%
@2.52MHz
1.9
260
DR349-3-563
56
±10%
@2.52MHz
2.2
240
DR349-3-683
68
±10%
@2.52MHz
2.6
220
DR349-3-823
82
±10%
@2.52MHz
3.5
200
DR349-3-104
100
±10%
@0.796MHz
4.0
180
DR349-3-124
120
±10%
@0.796MHz
4.5
160
DR349-3-154
150
±10%
@0.796MHz
6.5
140
DR349-3-184
180
±10%
@0.796MHz
7.5
120
DR349-3-224
220
±10%
@0.796MHz
9.0
120
DR349-3-274
270
±10%
@0.796MHz
11
100
DR349-3-334
330
±10%
@0.796MHz
13
90


Similar Part No. - DR349-3-224

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-3-224 DATATRONICS-DR349-3-224 Datasheet
59Kb / 2P
   SMD INDUCTOR DR349-3 SERIES
More results

Similar Description - DR349-3-224

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
XFSDR63SH-220 XFMRS-XFSDR63SH-220 Datasheet
52Kb / 1P
   SMD Inductor
XF7435-101M XFMRS-XF7435-101M Datasheet
47Kb / 1P
   SMD INDUCTOR
XFSDR105-330K XFMRS-XFSDR105-330K Datasheet
44Kb / 1P
   SMD Inductor
XFTPRH73-8R2M XFMRS-XFTPRH73-8R2M Datasheet
57Kb / 1P
   SMD Inductor
XFTPRH73-120M XFMRS-XFTPRH73-120M Datasheet
55Kb / 1P
   SMD Inductor
XFTPRH73T-1R0N XFMRS-XFTPRH73T-1R0N Datasheet
61Kb / 1P
   SMD Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com