Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA-365 Datasheet(PDF) 1 Page - Epson ToYoCom

Part # FA-365
Description  MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

FA-365 Datasheet(HTML) 1 Page - Epson ToYoCom

  FA-365 Datasheet HTML 1Page - Epson ToYoCom FA-365 Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
Nominal frequency range
f_nom
12.000 MHz, 14.000 MHz to 41.000 MHz
Fundamental
Storage temperature
T_stg
-55
°C to +125 °C
Store as bare product after unpacking
Temperature
range
Operating temperature
T_use
-20
°C to +70 °C
Please contact us on availability of
-40
°C to +85 °C
Level of drive
DL
10
µW to 100 µW
Frequency tolerance (standard)
f_tol
±50 × 10-6, ±100 × 10-6
+25
°C
Frequency versus
temperature characteristics
(standard)
f_tem
±30 × 10-6
-20
°C to +70 °C
For the out of standard specifications,
please contact us for inquires
Load capacitance
CL
10 pF to
Please specify
Motional resistance (ESR)
R1
As per below table
-20
°C to +70 °C, DL=100 µW
Frequency aging
f_age
±5 × 10-6 / year Max.
+25
°C, First year
Motional resistance (ESR)
Frequency
Motional resistance
12.0 MHz
60
Ω Max.
14.0 MHz
≤ f_nom ≤ 41.0 MHz
50
Ω Max.
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
MHz RANGE CRYSTAL UNIT
LOW PROFILE SMD
FA - 365
•Frequency range
:
12 MHz,14 MHz to 41 MHz
•Thickness
:
1.4 mm Max.
•Overtone order
:
Fundamental
•Applications
:
For Clock of integrated circuit
#1
#2
Internal Connection
(TOP VIEW)
6.0±0.2
1.4
#1
#2
#1
#2
20. 000
E 1ZR01
0.2
0.4
3.0
2.6
1.9
1.9
Only the pattern which connects with land A is allowed in area
.
Only the pattern which connects with land B is allowed in area
.
No pattern is allowed in area
.
A
B
3
1
1
2
2
3
1
2
Product Number (please contact us)
Q22FA3650xxxx00


Similar Part No. - FA-365

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA-365 ETC-FA-365 Datasheet
25Kb / 1P
   THIN SMD HIGH-FREQUENCY CRYSTAL UNIT
More results

Similar Description - FA-365

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TSX-4025 EPSONTOYOCOM-TSX-4025 Datasheet
406Kb / 2P
   MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MA-306 EPSONTOYOCOM-MA-306 Datasheet
329Kb / 2P
   MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V Datasheet
422Kb / 2P
   MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
MA-406 EPSONTOYOCOM-MA-406 Datasheet
379Kb / 2P
   MHz RANGE CRYSTAL UNIT SMD
FA-118T EPSONTOYOCOM-FA-118T Datasheet
524Kb / 2P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
List of Unclassifed Man...
FA-20H ETC2-FA-20H Datasheet
369Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson ToYoCom
FA-128 EPSONTOYOCOM-FA-128 Datasheet
363Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson Company
FC-135 EPSON-FC-135 Datasheet
239Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-125 EPSONTOYOCOM-FC-125 Datasheet
337Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com