Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR349-4-332 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR349-4-332
Description  SMD INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR349-4-332 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR349-4-332 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR349-4-332 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
June 11, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
INDUCTANCE (
µH)
DCR (
Ω) MAX.
MAX. RATED CURRENT (mA)
DR349-4-102
1.0
±10%
@7.96MHz
0.030
1800
DR349-4-122
1.2
±10%
@7.96MHz
0.035
1700
DR349-4-152
1.5
±10%
@7.96MHz
0.04
1600
DR349-4-182
1.8
±10%
@7.96MHz
0.05
1400
DR349-4-222
2.2
±10%
@7.96MHz
0.06
1300
DR349-4-272
2.7
±10%
@7.96MHz
0.07
1200
DR349-4-332
3.3
±10%
@7.96MHz
0.08
1120
DR349-4-392
3.9
±10%
@7.96MHz
0.09
1050
DR349-4-472
4.7
±10%
@7.96MHz
0.11
950
DR349-4-562
5.6
±10%
@7.96MHz
0.13
880
DR349-4-682
6.8
±10%
@7.96MHz
0.15
810
DR349-4-822
8.2
±10%
@7.96MHz
0.18
750
DR349-4-103
10
±10%
@2.52MHz
0.21
690
DR349-4-123
12
±10%
@2.52MHz
0.25
630
DR349-4-153
15
±10%
@2.52MHz
0.30
580
DR349-4-183
18
±10%
@2.52MHz
0.36
530
DR349-4-223
22
±10%
@2.52MHz
0.43
480
DR349-4-273
27
±10%
@2.52MHz
0.52
440
DR349-4-333
33
±10%
@2.52MHz
0.62
400
DR349-4-393
39
±10%
@2.52MHz
0.72
370
DR349-4-473
47
±10%
@2.52MHz
0.85
340
DR349-4-563
56
±10%
@2.52MHz
1.0
310
DR349-4-683
68
±10%
@2.52MHz
1.2
290
DR349-4-823
82
±10%
@2.52MHz
1.4
270
DR349-4-104
100
±10%
@0.796MHz
1.6
250
DR349-4-124
120
±10%
@0.796MHz
1.9
230
DR349-4-154
150
±10%
@0.796MHz
2.2
210
DR349-4-184
180
±10%
@0.796MHz
2.8
190
DR349-4-224
220
±10%
@0.796MHz
3.4
170
DR349-4-274
270
±10%
@0.796MHz
4.2
155
DR349-4-334
330
±10%
@0.796MHz
4.9
140
DR349-4-394
390
±10%
@0.796MHz
5.8
130
DR349-4-474
470
±10%
@0.796MHz
7.0
120
DR349-4-564
560
±10%
@0.796MHz
8.5
110
DR349-4-684
680
±10%
@0.796MHz
10
100
DR349-4-824
820
±10%
@0.796MHz
13
90
DR349-4-105
1000
±10%
@0.252MHz
15
85
DR349-4-125
1200
±5%
@0.252MHz
17
75
DR349-4-155
1500
±5%
@0.252MHz
20
70
DR349-4-185
1800
±5%
@0.252MHz
30
60
DR349-4-225
2200
±5%
@0.252MHz
35
55
DR349-4-275
2700
±5%
@0.252MHz
55
45
DR349-4-335
3300
±5%
@0.252MHz
60
40
DR349-4-395
3900
±5%
@0.252MHz
70
38
DR349-4-475
4700
±5%
@0.252MHz
78
36
DR349-4-565
5600
±5%
@0.252MHz
85
33
DR349-4-685
6800
±5%
@0.252MHz
110
30
DR349-4-825
8200
±5%
@0.252MHz
125
28
DR349-4-106
10000
±5%
@0.0796MHz
150
25
SMD INDUCTOR DR349-4 SERIES
Features
SMD Inductor
Suitable for Reflow soldering
Inductance Range from 1
µH to 10mH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 4)


Similar Part No. - DR349-4-332

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-4-332 DATATRONICS-DR349-4-332 Datasheet
89Kb / 2P
   SMD INDUCTOR DR349-4 SERIES
More results

Similar Description - DR349-4-332

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
XFSDR63SH-220 XFMRS-XFSDR63SH-220 Datasheet
52Kb / 1P
   SMD Inductor
XF7435-101M XFMRS-XF7435-101M Datasheet
47Kb / 1P
   SMD INDUCTOR
XFSDR105-330K XFMRS-XFSDR105-330K Datasheet
44Kb / 1P
   SMD Inductor
XFTPRH73-8R2M XFMRS-XFTPRH73-8R2M Datasheet
57Kb / 1P
   SMD Inductor
XFTPRH73-120M XFMRS-XFTPRH73-120M Datasheet
55Kb / 1P
   SMD Inductor
XFTPRH73T-1R0N XFMRS-XFTPRH73T-1R0N Datasheet
61Kb / 1P
   SMD Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com