Electronic Components Datasheet Search |
|
IF610SS-792 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell |
|
IF610SS-792 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell |
2 / 3 page GAMEWELL-FCI 12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118 CS-2491 Rev. A page 2 of 3 www.gamewell-fci.com Analog Addressable Signaling Line Circuits The IF610SS analog interface module provides two or four Signaling Line Circuits (SLC), loop circuits that can monitor and control up to 198 analog/addressable devices on each loop, for a total of 792 analog points in a four-loop system. Each SLC loop has a dedicated microprocessor that simul- taneously communicates with connected field devices and the main CPU. The IF610SS uses the SmartScan™ fully digital communi- cations protocol for superior speed and accuracy of event reporting. This protocol provides alarm verification per detector, detector adjustability and compensation, adjust- able analog heat detector range, circuit isolation, and prior- ity interrupts. Priority interrupts allow contact-type devices such as manual fire alarm stations to interrupt the polling cycle and transmit their addresses at any time. With this fully digital protocol, the IF610SS will operate on most types of field wiring, greatly expanding its use in retro- fit applications. Consult the supplemental SLC manual or Gamewell-FCI Technical Support for specific wiring requirements. IF610SS Power Supply The IF610SS power supply is a fully regulated 6 Amp sup- ply that furnishes system operating and signaling power. It is equipped with a battery charger which maintains the sec- ondary power source. The power supply is monitored by the main CPU, ensuring that adequate power is available. The power supply design allows for high efficiency while providing precise power output. The battery charger main- tains batteries up to 26 AH. The supply powers two on- board Notification Appliance Circuits (NACs) Class A or B. Input (I) / Output (O) Devices Addressable control output devices are the interface between analog circuits and building functions. The outputs are controlled by Control By Event (CBE) software within the IF610SS, and can be programmed to respond to any event. The control devices can also be used as supervised remote signaling circuits. The IF610SS’s RS-232 output expands system monitoring and control capabilities. Remote Display and Control System designers and engineers can add serial annuncia- tors to display system activity and control. Serial annuncia- tor drivers are available in 16-point increments and are an ideal interface to graphic annunciators. Switches can be used for Acknowledge, Reset, Signal Silence, Drill, etc., to customize the remote status control network. An alphanumeric display can also be used for remote sta- tus and control. The alphanumeric display will communi- cate over the serial communications network. The IF610SS can communicate locally or remotely with a printer to document system activity. See the RAN/SAN data sheets (CS-2025 and CS-2027) for complete annunciator details. Applications The IF610SS Analog Addressable Control Panel is ideal for new or retrofit small- to mid-sized projects that require state-of-the-art life-safety systems. The embedded CPU offers users unrivaled reliability. With compatible analog sensors and addressable input and control interface devices, and its remote status and control capabilities, the IF610SS provides system engineers with all the tools necessary to design effective system solutions. |
Similar Part No. - IF610SS-792 |
|
Similar Description - IF610SS-792 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |