Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IF610SS-396XL Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # IF610SS-396XL
Description  Analog Addressable Control Panel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

IF610SS-396XL Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  IF610SS-396XL Datasheet HTML 1Page - Gamewell-FCI by Honeywell IF610SS-396XL Datasheet HTML 2Page - Gamewell-FCI by Honeywell IF610SS-396XL Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
CS-2491 Rev. A page 3 of 3
Specifications
Common Control:
Standby Current:
0.125A
Alarm Current:
0.171A plus signaling circuit
power, plus 0.002A for master box,
or plus 0.022A for reverse-polarity
Input Power:
120 VAC, 2.0A
Auxiliary Output:
S+/S–, A+/A–
2.0A combined
Common Relays:
1.0A @ 30 VDC, or 0.5A
@ 250 VAC
Signaling Circuits: 24 VDC @ 2.0A per circuit
Analog SLC:
IF610SS/396
points
IF610SS/792
points
Standby Current:
0.055A
0.075A
Alarm Current:
0.055A
0.075A
Panel Dimensions:
Standard Cabinet:
20.0" H x 14.0" W x 4.5" D
(50.8 H x 35.6 W x 11.4 D cm)
XL Cabinet:
30.0" H x 22.0" W x 5.5" D
(76.2 H x 55.9 W x 13.97 D cm)
Battery Storage Dimensions:
Standard Cabinet:
6.0" H x 9.0" W x 4.5" D
(15.24 H x 22.86 W x 11.43 D cm)
XL Cabinet:
14" H x 22.0" W x 5.5" D
(35.56 H x 55.88 W x 13.97 D cm)
Relative Humidity:
93% non-condensing
Temperature
Rating:
32°F – 120°F (0°C – 49°C)
Ordering Information
Part Number
Description
IF610SS-396
IF610SS analog/addressable system
consisting of the following:
IF610SS common control (main CPU,
IF610 front display with the following:
- LCD alphanumeric display
- Bus driver module
- Common system relays
- Ribbon cables
6 Amp main power supply
Two (2) SmartScan analog circuit
modules (396 analog/addressable
points)
Standard cabinet assembly
Standard Cabinet:
20.0” H x 14.0” W x 4.5” D
(50.8 H x 35.6 W x 11.4 D cm)
Ordering Information (Continued)
Part Number
Description
IF610SS-396XL 396 point/two SLC IF610SS in extra-large
housing, allowing space for battery
storage (Refer to IF610SS-396R model
listed above).
Cabinet:
30.0" H x 22.0" W x 5.5" D
(76.2 H x 55.88 W x 13.97 D cm)
SSM610-2
Replacement two (2) analog circuit cards
for a total of 396 analog/addressable
points.
IF610SS-792
IF610SS analog/addressable system with
SmartScan™ consisting of the following:
IF610SS common control with the
following:
- Main CPU
- IF610 front display with LCD alpha
numeric display
- Bus driver module
- Common system relays
- Ribbon cables
6 Amp main power supply
Four (4) analog circuits module
(792 analog/addressable points)
Standard cabinet assembly
20.0” H x 14.0” W x 4.5” D
(50.8 H x 35.6 W x 11.4 D cm)
IF610SS-792XL 792 point/two (2) SLC IF610SS in extra-
large housing, allowing space for battery
storage. (Refer to IF610SS-792R model
listed above).
Cabinet:
30.0" H x 22.0" W x 5.5" D
(76.2 H x 55.88 W x 13.97 D cm)
SSM610-4
Upgrades the SS-396 to an IF610SS-792
System. Replaces the two-circuit analog
card with a four-circuit card to provide a
total of 792 analog/addressable points.
71810
IdentiFlex 610 Installation and
Operation Manual
CAB610
Standard cabinet and door only (no chas-
sis) for advance installation.
Cabinet:
20.0” H x 14.0” W x 4.5” D
(50.8 H x 35.6 W x 11.43 D cm)
CAB610-XL
Extra-large cabinet and door only (no
chassis) for advance installation.
Cabinet:
30.0” H x 22.0” W x 5.5” D
(76.2 H x 55.9 W x 14 D cm)


Similar Part No. - IF610SS-396XL

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
IF610-126 GAMEWELL-FCI-IF610-126 Datasheet
120Kb / 3P
   IdentiFiex 610 base analong/addressable
IF610-126XL GAMEWELL-FCI-IF610-126XL Datasheet
120Kb / 3P
   IdentiFiex 610 base analong/addressable
IF610-252 GAMEWELL-FCI-IF610-252 Datasheet
120Kb / 3P
   IdentiFiex 610 base analong/addressable
IF610-504 GAMEWELL-FCI-IF610-504 Datasheet
120Kb / 3P
   IdentiFiex 610 base analong/addressable
IF610-504XL GAMEWELL-FCI-IF610-504XL Datasheet
120Kb / 3P
   IdentiFiex 610 base analong/addressable
More results

Similar Description - IF610SS-396XL

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF632 GAMEWELL-FCI-IF632 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com