Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC24177 Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # PC24177
Description  SC Strobes and PC Horn/Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

PC24177 Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  PC24177 Datasheet HTML 1Page - Gamewell-FCI by Honeywell PC24177 Datasheet HTML 2Page - Gamewell-FCI by Honeywell PC24177 Datasheet HTML 3Page - Gamewell-FCI by Honeywell PC24177 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SpectrAlert® SC/PC
CS-2451
06/10/05
Page 3 of 4
Model Number
Voltage
Candela
FWR Max.
Operating
Current
STROBE
(mA RMS)
DC Max.
Operating
Current
STROBE
(mA RMS)
FWR Max.
Operating
Current
HORN
(mA RMS)
DC Max.
Operating
Current
HORN
(mA RMS)
HORN
Audibility
(dBA)
Red
White
Ceiling-Mount
STROBES
SC2415
SC2415W
24
15
68
64
SC241575
SC241575W
24
15/75
77
78
SC2430
SC2430W
24
30
107
113
SC2475
SC2475W
24
75
197
205
SC2495
SC2495W
24
95
239
274
SC24115
SC24115W
24
115
298
325
SC24177
SC24177W
24
177
399
489
Ceiling-Mount
HORN/
STROBES*
PC2415
PC2415W
24
15
68
64
57.5
57
75
PC241575
PC241575W
24
15/75
77
78
57.5
57
75
PC2430
PC2430W
24
30
107
113
57.5
57
75
PC2475
PC2475W
24
75
197
205
57.5
57
75
PC2495
PC2495W
24
95
239
274
57.5
57
75
PC24115
PC24115W
24
115
298
325
57.5
57
75
PC24177
PC24177W
24
177
399
489
57.5
57
75
Sync•Circuit™
MODULES
MDL
MDLW
AVG. Current (mA)
PEAK Current (mA)
INRUSH Current (mA)
DC
FWR
DC
FWR
DC
FWR
12
10
12
30
31
87
122
24
11
15
35
37
198
262
Current Draw
NOTES for Current Draw table: 1) *Horn/strobe current draws assume horn is set at Temporal 3, electromechanical tone,
and high audibility. 2) All SC and PC strobes were only tested at the 16 – 33 volt-FWR/DC limits. This does not include the
80% low-end or 110% high-end voltage limits.
UL Reverberant dBA
@ 10 feet (3.048 m)/VDC
Anechoic dBA
@ 10 feet (3.048 m)/VDC
16 VDC 24 VDC 33 VDC 16 VDC 24 VDC 33 VDC
Temporal
Low Volume
Electromechanical
757579838789
3000 Hz Interrupted
757579828689
High Volume
Electromechanical
7982828790
91
3000 Hz Interrupted
798282869293
Non-Temporal
Low Volume
Electromechanical
758282828687
3000 Hz Interrupted
798285848790
High Volume
Electromechanical
82
85
85
87
91
93
3000 Hz Interrupted
82858588
91
92
Selectable Horn Tones
6798tone.tbl
6798curr.tbl


Similar Part No. - PC24177

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PC24177 SYSTEMSENSOR-PC24177 Datasheet
332Kb / 4P
   Strobes and Horn Strobes
PC24177W SYSTEMSENSOR-PC24177W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
More results

Similar Description - PC24177

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
   SpectrAlert??Colored Lens Strobes and Horn/Strobes
P12015K SYSTEMSENSOR-P12015K Datasheet
118Kb / 2P
   Outdoor Horn/Strobes
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
logo
Gamewell-FCI by Honeywe...
72045 GAMEWELL-FCI-72045 Datasheet
324Kb / 2P
   Speaker/Strobes
logo
Systemsensor advanced i...
SS12 SYSTEMSENSOR-SS12 Datasheet
155Kb / 4P
   Signaling Strobes
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com