Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZM-SS Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # CZM-SS
Description  Six-Zone Addressable Interface Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CZM-SS Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  CZM-SS Datasheet HTML 1Page - Gamewell-FCI by Honeywell CZM-SS Datasheet HTML 2Page - Gamewell-FCI by Honeywell CZM-SS Datasheet HTML 3Page - Gamewell-FCI by Honeywell CZM-SS Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CZM-SS CS-2470 09/01/06
Page 1 of 4
Features
• Six addressable Class B or three
addressable Class A initiating
device circuits.
• Removable 12 AWG (3.1 mm²) to
18 AWG (0.78 mm²) plug-in
terminal blocks.
• Status indicators for each point.
• Unused addresses may be
disabled.
• Rotary address switches.
• Compatible with Gamewell’s 602,
610, 632, 654 and 658 FACPs
with SmartScan™ SLC.
• Mount one or two modules in a
BB-XP cabinet (optional).
• Mount up to six modules on a
CHS-6 chassis in a BB-25
cabinet (optional).
• Mounting hardware included.
Listings
Listings and approvals below
apply to the CZM-SS Six-Zone
Addressable Interface Module. In
some cases, the module may not
be listed by certain approval
agencies, or listing may be in
process. Consult factory for
latest listing status.
• UL Listed: file S521.
• CSFM approved:
file 7300-1288:169.
• MEA approved:
file 368-01-E Vol.II.
Description
Gamewell’s CZM-SS SmartScanTM
six-zone interface module pro-
vides an interface between the in-
telligent alarm system and a two-
wire conventional detection zone. A
common SLC input is used for all
modules, and the initiating device
circuits share a common external
supervisory supply and ground. Oth-
erwise, each module operates inde-
pendently from the others.
The first module is addressed from
01 to 94 while the remaining mod-
ules are automatically assigned to
the next five higher addresses. Pro-
visions are included for disabling a
maximum of two unused modules.
All two-wire detectors being moni-
tored must be two-wire UL compat-
ibility listed with the modules. The
CZM-SS transmits the status of a zone of two-wire detectors to the fire alarm
control panel. Status conditions are reported as normal, open, or alarm. The inter-
face module supervises the zone of detectors and the connection of the external
power supply.
Each CZM-SS module has panel-controlled bicolor LED indicators. The panel can
cause the LEDs to blink, latch on, or latch off.
Product Line Information
CZM-SS: Six-zone conventional-detector interface module.
BB-XP: Optional cabinet for one or two modules. Dimensions, DOOR: 9.234"
(23.454 cm) wide (9.484" [24.089 cm] including hinges), x 12.218" (31.0337 cm)
high, x 0.672" (1.7068 cm) deep; BACKBOX: 9.0" (22.860 cm) wide (9.25" [23.495
cm] including hinges), x 12.0" (30.480 cm) high x 2.75" (6.985 cm); CHASSIS
(installed): 7.150" (18.161 cm) wide overall x 7.312" (18.5725 cm) high interior
overall x 2.156" (5.4762 cm) deep overall.
BB-25: Optional cabinet for up to six modules mounted on CHS-6 chassis (below).
Dimensions, DOOR: 24.0" (60.96 cm) wide x 12.632" (32.0852 cm) high, x 1.25"
(3.175 cm) deep, hinged at bottom; BACKBOX: 24.0" (60.96 cm) wide x 12.550"
(31.877 cm) high x 5.218" (13.2537 cm) deep.
CHS-6: Chassis, mounts up to six modules in a BB-25 cabinet.
CZM-SS
Six-Zone Addressable Interface Module


Similar Part No. - CZM-SS

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CZMA10 CDIL-CZMA10 Datasheet
107Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA10 CDIL-CZMA10 Datasheet
203Kb / 4P
   SILIICON PLANAR ZENER DIODES
CZMA10V CDIL-CZMA10V Datasheet
107Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Rectron Semiconductor
CZMA10V RECTRON-CZMA10V Datasheet
32Kb / 1P
   SOT-23 DUAL ZENER DIODE (Common Anode)
logo
Continental Device Indi...
CZMA11 CDIL-CZMA11 Datasheet
107Kb / 4P
   SILIICON PLANAR ZENER DIODES
More results

Similar Description - CZM-SS

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SCM-SS GAMEWELL-FCI-SCM-SS Datasheet
456Kb / 6P
   Six-Circuit Addressable Control Module
FC-6324 GAMEWELL-FCI-FC-6324 Datasheet
416Kb / 2P
   SIX ZONE PANEL
RCM-SS GAMEWELL-FCI-RCM-SS Datasheet
297Kb / 2P
   Six-Relay Addressable Control Module
MMI-6SF GAMEWELL-FCI-MMI-6SF Datasheet
107Kb / 2P
   Multi-Mod 6 zone interface module
MMO-6SF GAMEWELL-FCI-MMO-6SF Datasheet
84Kb / 2P
   Multi-Mod 6 zone interface module
IDU GAMEWELL-FCI-IDU Datasheet
60Kb / 1P
   Addressable Interface Unit
AM500 GAMEWELL-FCI-AM500 Datasheet
328Kb / 2P
   Addressable Module
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
   Addressable Monitor Module
AMM-4F GAMEWELL-FCI-AMM-4F_13 Datasheet
67Kb / 1P
   Addressable Monitor Module
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com