Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS-APT Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # SS-APT
Description  Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SS-APT Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  SS-APT Datasheet HTML 1Page - Gamewell-FCI by Honeywell SS-APT Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS-APT
CS-2462
09/01/06
Page 2 of 2
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring instructions
shipped with the product shall always be used for actual installation. For more
information, contact Gamewell-FCI.
Specifications
Product Line Information
Wiring Diagrams
SS-APT: Low-profile intelligent multi-
smoke detector. Must be mounted to one
of the bases listed below.
Bases:
SS-B6: Standard U.S. low-profile base, UL
Listing.
B501BP: Standard European flangeless
base, pkg. of 10.
B501BH: Sounder base, includes B501
base above.
B501BHT: Same as B501BH, but includes
temporal sounder.
B224RB: Intelligent relay base.
B224BI: Intelligent isolator base. Isolates
SLC from loop shorts.
Accessories:
RA400Z: Remote LED annunciator. 3 – 32
VDC. Fits U.S. single-gang electrical box.
Supported by SS-B6 and B501 bases only.
SMK400: Surface mounting kit provides for
entry of surface wiring conduit. For use with
B501 base only.
RMK400: Recessed mounting kit. For use
with B501 base only.
SMB600: Surface mounting kit for use with
SS-B6.
BCK-200B: Black detector covers, box of 10.
M02-04-01: Test magnet.
M02-09-00: Test magnet with telescope
stick.
Sensitivity
Auto-adjusting levels
1 to 2, 2 to 3, and 3 to 4%/ft.
Fixed-sensitivity levels: 0.5, 1, 2, 3, and
4%/ft.
Size
2.1" (5.3 cm) high x 4.1" (10.4 cm)
diameter installed in B501 base, 6.1"
(15.5 cm) diameter installed in SS-B6
base.
Shipping weight
5.2 oz. (147 g).
Operating temperature
0°C to 38°C (32°F to 100°F).
UL-Listed velocity range
0 – 4000 ft./min. (1219.2 m/min.), suitable
for installation in ducts.
Relative humidity
10% – 93% noncondensing.
Thermal sensing rating
Fixed-temperature setpoint 135°F (57°C).
ELECTRICAL SPECIFICATIONS:
Voltage range
15 – 32 volts DC peak.
Standby current (max. avg.)
250 µA @ 24 VDC (without communica-
tion); 360 µA @ 24 VDC (one communi-
cation every 5 seconds with LED en-
abled).
Loop resistance
40 ohms maximum; varies according to
control panel used. Refer to panel
installation manuals.
LED current (max.)
6.5 mA @ 24 VDC (“ON”).
BASES AVAILABLE:
SS-B6: 6.1" (15.5 cm) diameter.
B501: 4.1" (10.4 cm) diameter.
B501BH or B501BHT: Sounder base
assembly. Includes B501 base.
B224RB Relay Base: Screw terminals:
up to 14 AWG (2.0 mm²). Relay type:
Form-C. Rating: 2.0 A @ 30 VDC
resistive; 0.3 A @ 110 VDC inductive; 1.0
A @ 30 VDC inductive. Dimensions: 6.2"
(15.748 cm) x 1.2" (3.048 cm).
B224BI Isolator Base: Dimensions: 6.2"
(15.748 cm) x 1.2" (3.048 cm). Maxi-
mum: 25 devices between isolator bases.
XR2B: Detector removal tool. Allows in-
stallation and/or removal of the SS-APT
Series detector heads from base in high
ceiling installations.
T55-127-000: Detector removal tool with-
out pole.
XP-4: Extension pole for XR2B. Comes
in three 5-ft. sections.
Detector Guards:
NOTE: The following guards are not UL
listed with the SS-APT. Consult with lo-
cal AHJ.
STI 9601: Low-profile, flush-mount smoke
detector guard, wire.
STI 9602: Low-profile, surface-mount,
smoke detector guard, wire.
STI 9609: High-profile, flush-mount, smoke
detector guard, wire.
STI 9605: High-profile, surface-mount,
smoke detector guard, wire.
STI 9604: Flush-mount heat detector
guard, wire.
STI 9610: Surface-mount heat detector
guard, wire.
STI-8200-SS: Flush-mount stainless
steel smoke detector guard.
STI-8230-SS: Surface-mount stainless
steel smoke detector guard.
Address dial on back of detector.


Similar Part No. - SS-APT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-01 OMRON-SS-01 Datasheet
676Kb / 10P
   Snap Action Switch
SS-01 OMRON-SS-01 Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2 OMRON-SS-01-2 Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2D OMRON-SS-01-2D Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2T OMRON-SS-01-2T Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results

Similar Description - SS-APT

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
567Kb / 2P
   Low-Profile Intelligent Combination Smoke Detector
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
   Low-Profile Plug-in Intelligent Laser Smoke Detector
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
FTX-P1 SYSTEMSENSOR-FTX-P1 Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
logo
Gamewell-FCI by Honeywe...
BD-SS GAMEWELL-FCI-BD-SS Datasheet
371Kb / 4P
   Intelligent beam smoke detector
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
   Analog, Addressable Photoelectronic Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
   Analog, addressable photoelectronic smoke sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com