Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72045 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # 72045
Description  Speaker/Strobes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

72045 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  72045 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 72045 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series E
CS-2243
10/17/03
Page 1 of 2
Description
Series E low-profile speaker/strobes
are designed for high-efficiency
sound output, with dual voltage
capability (25/70 VRMS) and field-
selectable taps from 1/8 to 2 watts.
The low-profile design incorporates
a speaker mounting plate for faster
and easier installation. Each model
has a built-in level adjustment
feature and an attractive grille
cover with two flush screws.
The Series E speaker/strobe models
incorporate the low-current, zero-
inrush, Series RSS non-sync/sync strobe. Strobe options include 15/75 cd or
multi-candela strobe with field-selectable candela settings of: 15, 30, 75, or 110
cd (wall); or 15, 30, 75, or 95 cd, or 115/177 cd (ceiling, depending on model).
Series E speaker/strobes provide high audio output with clear audibility,
and are designed to meet the critical needs of the life safety industry for
effective emergency voice communications, tone signaling, and visible
signaling to alert the hearing impaired. The strobe portion of all Series E
speaker/strobes may be synchronized when used in conjunction with the SM
or DSM (P/N 51548, 51549) sync modules or the Gamewell FF8 power
supply. Synchronized strobes offer an easy way to comply with ADA recom-
mendations concerning photosensitive epilepsy. Series E speaker/strobes
are listed for indoor use, with a temperature range of 32°F to 120°F (0°C to
49°C) and a maximum humidity of 85%.
Architectural/Engineering Specifications
The speaker appliances shall be Series E speaker/strobes. The speakers
shall be UL Listed under Standard 1480 for Fire Protective Service; speaker
appliances equipped with strobes shall additionally be Listed under UL
Standard 1971, Emergency Devices for the Hearing Impaired. In addition,
the strobes shall be certified to meet the requirements of FCC Part 15,
Class B.
All speakers shall be designed for a field-selectable input of either 25 or 70
VRMS, with selectable power taps from 1/8 watt to 2 watts. All models shall
have a Listed sound output of up to 87 dB at 10 feet (3.048 m), and a Listed
frequency response of 400 to 4000 Hz. The speaker shall incorporate sealed
back construction. All inputs shall employ terminals that accept 12 AWG to
18 AWG (3.1 to 0.78 mm²) wire. The strobe portion of the appliance shall
produce a flash rate of one flash per second over the regulated voltage
range and shall incorporate a Xenon flashtube enclosed in a rugged
LEXAN® lens. The strobe shall be of low-current design. Where multiple-
candela speaker/strobes are specified, the strobe intensity shall be rated per
UL 1971 for 15, 30, 75, or 110 candela for wall-mount applications; and 15,
30, 75, or 95 candela, or for 115/177 candela, for ceiling-mount applications
(depending on model). The selector switch for selecting the candela shall be
Features
• Wall-mount models available with field-
selectable candela settings of 15/30/75/
110 cd on multi-candela models, or 15/75
cd on non-selectable model.
• Ceiling-mount multi-candela models are
available with field-selectable candela
settings of 15/30/75/95 cd or 115/177
cd, depending on model.
• Strobes produce one flash per second
over the regulated voltage range.
• Zero inrush above peak.
• Strobes operate at 24 VDC with wide UL
“regulated voltage” using filtered DC or
unfiltered VRMS input voltage.
• Synchronize strobes with SM or DSM
sync modules (P/N 51548, 51549) or FF8
power supply with built-in sync protocol.
• Field-selectable taps for 25 or 70 VRMS
operation from 1/8 watt to 2 watts.
• High-efficiency design for maximum
output at minimum wattage across a
frequency range of 400 to 4000 Hz.
• Fast installation with in/out screw
terminals using 12 to 18 AWG (3.1 to
0.78 mm²) wires.
Speaker/strobe sound output
• 1/8 watt: 77.5 dBA @ 10 ft (3.048 m).
• 1/4 watt: 80.4 dBA @ 10 ft (3.048 m).
• 1/2 watt: 83.2 dBA @ 10 ft (3.048 m).
• 1.0 watt: 85.7 dBA @ 10 ft (3.048 m).
• 2.0 watt: 87.8 dBA @ 10 ft (3.048 m).
Average RMS current
for multi-candela models
• Wall, 15 cd @ 24 VDC: 0.041 A.
• Wall, 15/75 cd @ 24 VDC: 0.064 A.
• Wall, 30 cd @ 24 VDC: 0.065 A.
• Wall, 75 cd @ 24 VDC: 0.116 A.
• Wall, 110 cd @ 24 VDC: 0.155 A.
• Ceiling, 15 cd @ 24 VDC: 0.045 A.
• Ceiling, 30 cd @ 24 VDC: 0.072 A.
• Ceiling, 75 cd @ 24 VDC: 0.128 A.
• Ceiling, 95 cd @ 24 VDC: 0.171 A.
• Ceiling, 115 cd @ 24 VDC: 0.195 A.
• Ceiling, 177 cd @ 24 VDC: 0.270 A.
Listings
• UL 1971, 1480 Listed.
• CSFM, MEA (NYC) and BFP (City of
Chicago) approved.
• Meets ADA accessibility guidelines.
• Meets FCC Part 15.
• Meets OSHA 29, Part 1910.165.
Series E
Speaker/Strobes
5741ss70.jpg
5741ss90.jpg


Similar Part No. - 72045

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7204 COTO-7204 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Gamewell-FCI by Honeywe...
72041 GAMEWELL-FCI-72041 Datasheet
34Kb / 2P
   SERIES CH CHIME STROBES
72042 GAMEWELL-FCI-72042 Datasheet
34Kb / 2P
   SERIES CH CHIME STROBES
72043 GAMEWELL-FCI-72043 Datasheet
37Kb / 2P
   SERIES ET LOW PROFILE SPEAKER STROBES
72044 GAMEWELL-FCI-72044 Datasheet
37Kb / 2P
   SERIES ET LOW PROFILE SPEAKER STROBES
More results

Similar Description - 72045

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SP2R1224MC GAMEWELL-FCI-SP2R1224MC Datasheet
203Kb / 2P
   Wall Speaker/Strobes
logo
Systemsensor advanced i...
SP2R2415 SYSTEMSENSOR-SP2R2415 Datasheet
178Kb / 2P
   Wall Speaker Strobes
SP2C2415 SYSTEMSENSOR-SP2C2415 Datasheet
463Kb / 2P
   Ceiling Mount Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SP2C2415 GAMEWELL-FCI-SP2C2415 Datasheet
367Kb / 2P
   Ceiling-Mount Speaker/Strobes
logo
Systemsensor advanced i...
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
   Selectable Output Wall Speaker/Strobes
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
   Selectable Output Outdoor Wall Speaker/Strobes
logo
Gamewell-FCI by Honeywe...
72043 GAMEWELL-FCI-72043 Datasheet
37Kb / 2P
   SERIES ET LOW PROFILE SPEAKER STROBES
logo
Systemsensor advanced i...
V4R24ADA SYSTEMSENSOR-V4R24ADA Datasheet
168Kb / 4P
   Speaker/Strobes for Fire Protective Signaling Systems
logo
Gamewell-FCI by Honeywe...
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com