Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72045 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # 72045
Description  Speaker/Strobes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

72045 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  72045 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 72045 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Series E
CS-2243
10/17/03
Page 2 of 2
The Gamewell Company
The Gamewell Company
The Gamewell Company
The Gamewell Company
The Gamewell Company
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell.com
A
Company
Copyright ©2003 Gamewell
Specifications and wiring information are provided for information only and are
believed to be accurate. Gamewell assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation.
For more information, contact Gamewell.
tamper resistant. The 15/75 candela wall strobe shall be specified when 15 candela UL 1971 Listing with 75 candela
intensity on-axis is required (e.g., ADA compliance). When synchronization is required, the strobe portion of the
appliance shall be compatible with SM and DSM (P/N 71548, 71549) sync modules and the Gamewell FF8 power
supply with built-in sync protocols. The strobes shall not drift out of synchronization at any time during operation.
If the sync module or power supply fails to operate (i.e., contacts remain closed), the strobes shall revert to a non-
synchronized default flash rate of one flash per second.
The speaker/strobe appliances shall be designed for indoor surface- or flush-mounting. The speaker/strobes shall
incorporate a speaker mounting plate with a grille cover, which is secured with two screws for a level, aesthetic
finish. Speaker/strobes shall mount to standard electrical hardware requiring no additional trimplate or adapter.
Speaker/strobes shall be finished in a textured red or white color. All speaker/strobe appliances shall be backward
compatible.
Ordering Information
All 24 V models below feature field-selectable taps for 25 or 70 VRMS operation, from 1/8 watt to 2 watts.
72045
Wall-mount multi-candela (15, 30, 75, 110) speaker/strobe, 24 VDC, square, red (E70-24MCW-FR).
72046
Wall-mount multi-candela (15, 30, 75, 110) speaker/strobe, 24 VDC, square, white (E70-24MCW-FW).
71745
15/75-candela speaker/strobe, wall-mount, 24 VDC, 0.064 A, square, red (E70-241575W-FR).
72285
Ceiling-mount multi-candela (15, 30, 75, 95) speaker/strobe, 24 VDC, round, white (E90-24MCC-FW).
72286
Ceiling-mount multi-candela (115, 177) speaker/strobe, 24 VDC, round, white (E90-24MCCH-FW).
Sync modules, power supply
71548
SM sync module, single-circuit Class B, rated for 3.0 A @ 24 VDC (SM-12/24-R).
71549
DSM sync module, single-circuit Class A or multiple-circuit Class B, rated for 3.0 A per circuit. The
maximum number of interconnected modules is 20 (DSM-12/24-R).
FF8
FireForce 8, NAC expander/power supply. 12/24 VDC, 8.0 A, 4 NACs, built-in sync protocols.
See data sheet CS-2282.
Mounting accessories for Series E speaker/strobes
70418
Surface-mount backbox, 5.5" (13.970 cm) x 5.563" (14.129 cm) x 3.563" (9.049 cm), red (SBB-R).
71317
Extender, molded, 5.25" (13.335 cm) square 0.781" (1.984 cm) deep, red (ISP-R).
71318
Retrofit plate, 8.0" (20.320 cm) x 5.875" (14.923 cm) x 0.406" (1.032 cm) deep, red (RP-R).
68292
Semi-flush plate, 6.0" (15.240 cm) square x 0.313" (0.794 cm) deep, red (SFP-R).


Similar Part No. - 72045

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7204 COTO-7204 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Gamewell-FCI by Honeywe...
72041 GAMEWELL-FCI-72041 Datasheet
34Kb / 2P
   SERIES CH CHIME STROBES
72042 GAMEWELL-FCI-72042 Datasheet
34Kb / 2P
   SERIES CH CHIME STROBES
72043 GAMEWELL-FCI-72043 Datasheet
37Kb / 2P
   SERIES ET LOW PROFILE SPEAKER STROBES
72044 GAMEWELL-FCI-72044 Datasheet
37Kb / 2P
   SERIES ET LOW PROFILE SPEAKER STROBES
More results

Similar Description - 72045

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SP2R1224MC GAMEWELL-FCI-SP2R1224MC Datasheet
203Kb / 2P
   Wall Speaker/Strobes
logo
Systemsensor advanced i...
SP2R2415 SYSTEMSENSOR-SP2R2415 Datasheet
178Kb / 2P
   Wall Speaker Strobes
SP2C2415 SYSTEMSENSOR-SP2C2415 Datasheet
463Kb / 2P
   Ceiling Mount Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SP2C2415 GAMEWELL-FCI-SP2C2415 Datasheet
367Kb / 2P
   Ceiling-Mount Speaker/Strobes
logo
Systemsensor advanced i...
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
   Selectable Output Wall Speaker/Strobes
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
   Selectable Output Outdoor Wall Speaker/Strobes
logo
Gamewell-FCI by Honeywe...
72043 GAMEWELL-FCI-72043 Datasheet
37Kb / 2P
   SERIES ET LOW PROFILE SPEAKER STROBES
logo
Systemsensor advanced i...
V4R24ADA SYSTEMSENSOR-V4R24ADA Datasheet
168Kb / 4P
   Speaker/Strobes for Fire Protective Signaling Systems
logo
Gamewell-FCI by Honeywe...
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com