Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH90-24-W Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # CH90-24-W
Description  Wheelock CH Series Electronic Chimes & Chime Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CH90-24-W Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  CH90-24-W Datasheet HTML 1Page - Gamewell-FCI by Honeywell CH90-24-W Datasheet HTML 2Page - Gamewell-FCI by Honeywell CH90-24-W Datasheet HTML 3Page - Gamewell-FCI by Honeywell CH90-24-W Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CH Series CS-2239 06/01/04
Page 4 of 4
The Gamewell Company
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell.com
A Honeywell Company
© 2004 Gamewell
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation. For
more information, contact Gamewell.
UL
MEA CSFM BFP
CH70-24MCW-FR
15/30/75/110
X
X
Red
Wall
L,O,P,Q,U,Y
X
X
X
X
CH70-24MCW-FW
15/30/75/110
X
X
White
Wall
L,O,P,Q,U,Y
X
X
X
X
CH70-241575W-FR 15 (75 on Axis)
X
X
Red
Wall
L,O,P,Q,U,Y
X
X
X
X
CH90-24MCC-FW
15/30/75/95
X
X
White
Ceiling
L,O,P,Q,U,V,Y
X
*
X
*
CH70-24-R
-
X
X
Red
Wall/Ceiling
L,O,P,Q,U,V,Y
X
X
X
X
CH90-24-W
-
X
X
White
Wall/Ceiling
L,O,P,Q,U,V,Y
X
X
X
X
MODEL
COLOR
WALL/
CEILING
MOUNT
MOUNTING
OPTIONS**
AGENCY APPROVALS
MODEL
STROBE
CANDELA
NON-
SYNC
SYNC
W/SM,
DSM
SM Sync Module is rated for
3.0 amperes @ 24 VDC.
DSM Sync Module is rated
for 3.0 amperes per circuit.
The maximum number of
interconnected
DSM
modules is twenty (20).
241575W
15/75cd
15cd
30cd
75cd
110cd 135cd
185cd
15cd
30cd
75cd
95cd
115cd
177cd
16 vdc
0.101
0.062
0.102
0.192
0.265
0.300
0.420
0.068 0.112 0.211 0.292
0.300
0.420
24 vdc
0.064
0.041
0.065
0.116
0.155
0.195
0.270
0.045 0.072 0.128 0.171
0.195
0.270
33 vdc
0.047
0.032
0.047
0.081
0.107
0.145
0.190
0.035 0.052 0.089 0.118
0.145
0.190
TABLE 1: AVERAGE RMS CURRENT*
CH70/C90
CHIMES
24MCW
CH70 STROBE CURRENT - WALL MOUNT
24MCC
24MCCH
CH90 STROBE CURRENT - CEILING MOUNT
24MCWH
* Average RMS Current is per UL average RMS method and Average Mean Current is per UL average mean method. For rate In Rush and Peak current across the UL
listed voltage range for both filtered DC and unfiltered VRMS (FWR), see installation instructions.
** Refer to mounting options data sheet.
MO D E L
NU M B E R
IN P UT
VO LT A G E
(V D C )
A VER A G E
ME A N
CURRE NT
@ 24 V D C
MO UN T IN G
OP T IO N S
SM -12/24-R
24
.028
W
DSM -12/24-R
24
.035
W
SY N C M O D E LS / P O W ER SUP P LY
Application
1.
The chimes are factory set in single stroke (SS) mode. They can be
changed to vibrating (VIB) mode with jumper on PC Board. SINGLE STROKE
OPERATION: The minimum input pulse duration must be at least 160 ms “on”
time and 160 ms “off” time. The chime will only operate once each time it is
pulsed. This mode is recommended for coded systems. VIBRATING OP-
ERATION: Continuous input voltage applied to the chime will activate the
chime at one-second intervals.
2.
The volume and tone controls have been adjusted at the factory to insure
maximum dBA output. However, once the mode is selected, the installer
may want to fine-tune the signal to better suit the application.
3.
Anechoic dBA is measured in an anechoic chamber with peak meter re-
sponse. Reverberant dBA is rated per UL Standard 464.
4.
Chime inrush current is 0.100 amps maximum with filtered DC input (0.140
amps with VRMS input voltage) with a time duration of 100 milliseconds.
Min
Max
83
52
58
TABLE 2: CHIME dBA RATINGS
CH70/CH90
SOUND LEVEL
PEAK
dBA
@ 10 ft.
ANECHOIC
dBA @ 10 ft.
REVERBERANT
Ordering Information
NOTE: All CAUTIONS and WARNINGS are identified by the symbol
. All warnings are printed in bold capital
letters. PLEASE READ THESE SPECIFICATIONSANDASSOCIATED INSTALLATION INSTRUCTIONS CAREFULLYBEFORE USING, SPECI-
FYING ORAPPLYING THIS PRODUCT. FAILURE TO COMPLY WITHANYOF THESE INSTRUCTIONS, CAUTIONS OR WARNINGS COULD
RESULT IN IMPROPER APPLICATION, INSTALLATION AND/OR OPERATION OF THESE PRODUCTS IN AN EMERGENCY SITUATION,
WHICH COULD RESULT IN PROPERTYDAMAGE,AND SERIOUS INJURYOR DEATH TOYOUAND/OR OTHERS.


Similar Part No. - CH90-24-W

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CH91 AVX-CH91 Datasheet
95Kb / 6P
   ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
CH91 AVX-CH91 Datasheet
70Kb / 4P
   High Voltage Leaded (CH Style) Radial, Dual-in-Line & ?쁋??Lead SMT
logo
Nanjing Qinheng Microel...
CH9120 WCH-CH9120 Datasheet
237Kb / 4P
   Network Interface chip
CH9121 WCH-CH9121 Datasheet
179Kb / 5P
   Network Interface Chip
CH9126 WCH-CH9126 Datasheet
120Kb / 8P
   Network timing chip
More results

Similar Description - CH90-24-W

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
   Selectable Output Chimes and Chime/Strobes
logo
Gamewell-FCI by Honeywe...
72041 GAMEWELL-FCI-72041 Datasheet
34Kb / 2P
   SERIES CH CHIME STROBES
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
logo
Systemsensor advanced i...
CH1224 SYSTEMSENSOR-CH1224 Datasheet
244Kb / 2P
   Chime and Chime Strobe
logo
Gamewell-FCI by Honeywe...
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
   Cooper-Wheelock
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
   Wheelock
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
   Cooper-Wheelock
logo
Siemens Semiconductor G...
SAB0600 SIEMENS-SAB0600 Datasheet
286Kb / 9P
   THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com