Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430P337A Datasheet(PDF) 6 Page - Texas Instruments

Part # MSP430P337A
Description  MIXED SIGNAL MICROCONTROLLERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P337A Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430P337A Datasheet HTML 2Page - Texas Instruments MSP430P337A Datasheet HTML 3Page - Texas Instruments MSP430P337A Datasheet HTML 4Page - Texas Instruments MSP430P337A Datasheet HTML 5Page - Texas Instruments MSP430P337A Datasheet HTML 6Page - Texas Instruments MSP430P337A Datasheet HTML 7Page - Texas Instruments MSP430P337A Datasheet HTML 8Page - Texas Instruments MSP430P337A Datasheet HTML 9Page - Texas Instruments MSP430P337A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MSP430C33x, MSP430P337A
MIXED SIGNAL MICROCONTROLLERS
SLAS227 – OCTOBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
instruction set
The instruction set for this register-register architecture provides a powerful and easy-to-use assembly
language. The instruction set consists of 51 instructions, with three formats and seven addressing modes.
Table 1 provides a summation and example of the three types of instruction formats; the addressing modes are
listed in Table 2.
Table 1. Instruction Word Formats
Dual operands, source-destination
e.g. ADD R4,R5
R4 + R5
→ R5
Single operands, destination only
e.g. CALL R8
PC
→ (TOS), R8→ PC
Relative jump, un–/conditional
e.g. JNE
Jump-on equal bit = 0
Instructions that can operate on both word and byte data are differentiated by the suffix .B when a byte operation
is required.
Examples:
Instructions for word operation:
Instructions for byte operation:
MOV
EDE,TONI
MOV.B
EDE,TONI
ADD
#235h,&MEM
ADD.B
#35h,&MEM
PUSH
R5
PUSH.B
R5
SWPB
R5
–––
Table 2. Address Mode Descriptions
ADDRESS MODE
S
D
SYNTAX
EXAMPLE
OPERATION
Register
MOV Rs,Rd
MOV R10,R11
R10
R11
Indexed
MOV X(Rn),Y(Rm)
MOV 2(R5),6(R6)
M(2+R5)
M(6+R6)
Symbolic (PC relative)
MOV EDE,TONI
M(EDE)
M(TONI)
Absolute
MOV &MEM,&TCDAT
M(MEM)
M(TCDAT)
Indirect
MOV @Rn,Y(Rm)
MOV @R10,Tab(R6)
M(R10)
M(Tab+R6)
Indirect autoincrement
MOV @Rn+,Rm
MOV @R10+,R11
M(R10)
R11
R10 + 2
R10
Immediate
MOV #X,TONI
MOV #45,TONI
#45
M(TONI)
NOTE 1: S = source, D = destination.
Computed branches (BR) and subroutine calls (CALL) instructions use the same addressing modes as the other
instructions. These addressing modes provide
indirect addressing, ideally suited for computed branches and
calls. The full use of this programming capability permits a program structure different from conventional 8- and
16-bit controllers. For example, numerous routines can easily be designed to deal with pointers and stacks
instead of using flag type programs for flow control.


Similar Part No. - MSP430P337A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P337A TI-MSP430P337A Datasheet
543Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337A TI-MSP430P337A Datasheet
595Kb / 41P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337AIPJM TI-MSP430P337AIPJM Datasheet
543Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337AIPJM TI-MSP430P337AIPJM Datasheet
595Kb / 41P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337AIPJMR TI-MSP430P337AIPJMR Datasheet
595Kb / 41P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P337A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com