Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27060 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # 27060
Description  Analog addressable manual pull station
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

27060 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  27060 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 27060 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2053 Rev. A page 2 of 2
www.gamewell-fci.com
Operations (Continued)
occurs when the pull station is addressed by the control
panel and either reports back a trouble response or does
not respond at all. With the standard priority interrupt
feature, the MS-95 will report its condition virtually instanta-
neously to the Gamewell-FCI FACP.
Programming
Programming of the MS-95 manual station address is
accomplished by setting a single DIP switch easily
accessible on the device’s printed circuit board. All other
programming is accomplished at the FACP.
Engineer’s Specifictions
The analog addressable manual pull station shall contain
the electronic interface circuitry required for individual
device identification, alarm reporting andtrouble supervi-
sion. It shall communicate to the main control panel via the
analog addressable circuit. The single-action station shall
consist of a die-cast aluminum housing fitted with a pull out
lever which, when operated, locks in position after activat-
ing an alarm initiating contact.
Specifications
Standby Current:
0.0005 A
Alarm Current:
0.0015 A
Operating
Temperature:
0° C to 49° C (32° F to 120° F)
Relative Humidity:
85%, non-condensing
Material:
Die-cast aluminum
Finish:
Fire alarm red, smooth gloss
enamel. Raised cast letters are
highlighted. Target background for
pull lever is white glossed enamel.
Dimensions MS-95: 4 .625" high x 3.25" wide x 2.0"
deep
(11.75 H x 8.26 W x 5.08 D cm)(
from the backplate).
MS-95T:
4.625" high x 3.25" wide x 1.625"
deep
(11.75 H x 8.26 W x 4.13 cm)
(from the backplate).
MS-95 with key reset
option:
6.25" high x 3.25" wide x 2.0" deep
(15.88 H x 8.26 W x 5.08 D cm) (from
backplate) with Cat 60 Key.
Surface Backbox
P/N 28762:
4.625" high x 3.25" wide x 2.375"
deep
(11.75 H x 8.26 W x 6.03 D cm)
tapped for 3/4" conduit.
Surface Backbox
71961:
6.25" high x 3.0" wide x 3.25"
(15.88 H x 7.6 W x 8.26 D cm) deep.
Ordering Information
Model
Description
MS-95
Analog addressable manual pull station.
MS-95T
Analog addressable manual pull station with
terminals.
30653
Double action option.
30653-01
Key reset option.
30653-02
Key reset/double action option.
27060
Breakglass rod.
28762
Surface backbox.
50397G
Weather proof gasket for MS-95 station.
72198
NYC backplate manual station backplate with
1"
(2.54 cm) white stripe.
71961
Backbox, surface for key reset options.


Similar Part No. - 27060

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
27060 GAMEWELL-FCI-27060 Datasheet
120Kb / 1P
   Non-Coded Century Station
logo
PHOENIX CONTACT
27060106 PHOENIX-27060106 Datasheet
78Kb / 5P
   Flat-ribbon conductor - VS-ASI-FC-PVC-UL-YE 100M
09/11/2020
logo
Integrated Technology F...
270601B ITF-270601B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270602B ITF-270602B Datasheet
192Kb / 5P
   SAW Bandpass Filter
logo
PHOENIX CONTACT
2706030 PHOENIX-2706030 Datasheet
153Kb / 9P
   Lower part of housing, fully assembled, with additional serial contact, open, no. of positions 10 2
More results

Similar Description - 27060

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MS95-SS GAMEWELL-FCI-MS95-SS Datasheet
126Kb / 2P
   Addressable Manual Pull Station with SmartScan
MS95-SL GAMEWELL-FCI-MS95-SL Datasheet
450Kb / 2P
   Addressable XP95 Manual Pull Stations
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
   Explosion-Proof Pull Station
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF632 GAMEWELL-FCI-IF632 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com