Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GW70703 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # GW70703
Description  Serial annunciator driver module, main driver with 16-outputs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

GW70703 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  GW70703 Datasheet HTML 1Page - Gamewell-FCI by Honeywell GW70703 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
CS-2027 Rev. A page 1 of 2
600 Series
SAN, SAN-RC
Serial Annunciator Driver
Description
The 600 Series serial annunciator driver (SAN) is used to
light a lamp or LED in an annunciator. It also provides a
switched positive output per point for interface with building
automation systems or driving relays. Each device is capa-
ble of interpreting the instructions from the main CPU, initi-
ating its own programmed response, and retransmitting the
instructions to the next device.
The Gamewell-FCI 600 systems can accommodate up to
64 devices connected to the serial communications port. In
addition to the serial annunciator drives (SAN), these
devices include remote annunciator (RAN) and remote
printer interface (RPI). This combination of devices com-
prise the Gamewell-FCI status control network. Since each
device contains its own microprocessor, each can be pro-
grammed independently. A series of devices can be pro-
grammed directly over the network from a single device,
saving valuable installation time. Programming is accom-
plished via Windows®-based configuration software.
Each SAN input point can activate up to five output points
for matrix annunciation. There are two basic models avail-
able, the SAN and the SAN-RC. The SAN-16 is equipped
with 16 freely programmable outputs which can be used for
remote control or monitoring, expandable to 128 points
using PDM modules.
The SAN-16-RC has all of the features of the SAN-16, plus
the ability to read inputs into the system. The SAN-16-RC
has provisions for four inputs for: remote acknowledge,
reset, signal silence, and lamp test. In addition to the basic
16 outputs, there are eight (8) common outputs for: com-
mon system alarm, common system trouble, AC power,
communications, action required LED prompts for system
acknowledge, reset and signal silence, and a driver for a
local audible.
The status control network, including SAN units, is con-
nected to the main 600 Series control panel via an RS-232
data communication line. The SIM-232 module is used to
Features
Up to 64 devices supported on a single 600 Series
control panel.
•Windows®-based field programming.
Dual optically isolated serial ports.
Can interface with building automation systems
via standard ASCII communication.
Microprocessor based.
Expandable in 16 point increments to 128 points.
Supervised.
Allows remote system control.
Mounting track included.
An ISO 9000-2000 Company
7120-1288:149
SIGNALING
S521
SAN, SAN-RC
Microsoft® Windows® is a registered trademark of Microsoft® Corporation.


Similar Part No. - GW70703

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
More results

Similar Description - GW70703

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
   Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
   Serial Digital Cable Driver with Dual Complementary Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
[Old version datasheet]   CLC006 Serial Digital Cable Driver with Adjustable Outputs
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com