Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72122 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # 72122
Description  IdentiFlex 650 base analog/addressable system
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

72122 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  72122 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 72122 Datasheet HTML 2Page - Gamewell-FCI by Honeywell 72122 Datasheet HTML 3Page - Gamewell-FCI by Honeywell 72122 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
CS-2005 Rev. A page 1 of 4
600 Series
IdentiFlex 650
Analog Addressable Control Panel
APPROVED
FM
MEA
Approved
SIGNALING
S521
132-95-E 7165-1288:144
7170-1288:146
Approved
High Rise
City of
Chicago
An ISO 9000-2000 Company
Description
The IdentiFlex 650 (IF650) is a full-featured Fire Alarm
Control Panel (FACP) that can be configured to monitor
and control both analog intelligent addressable devices
and conventional hard-wired zones, providing maximum
application flexibility. It is easily adapted to a new or retrofit
installation, providing up to 2016 analog addressable
points plus 96 conventional circuits. With the addition of a
SmartLink™ network, the IdentiFlex 650 system can
include multiple IF650s or other 600 Series fire alarm pan-
els. The interactive operator’s display uses LED prompting
for easy user operation and programming. The alphanu-
meric display and keypad simplify field programming.
Gamewell-FCI’s Smart Program II can be used to program
the IF650 with a PC.
Integration of analog and hard-wired circuits allows the
system engineer to customize the control panel based on
the application. The CPU automatically senses system
configuration to ensure that modules are correctly posi-
tioned to speed installation and maintenance.
IdentiFlex 650 software allows the system to be custom-
ized to specific applications, such as cross-zoning and
alarm verification.
Front-panel construction is designed to allow routine main-
tenance of the system without disturbing the I/O modules.
Multiple levels of password protection prevent unautho-
rized use. The cabinet is designed with terminal strips for
ease of installation and service.
Operator’s Display
The IdentiFlex 650 operator’s display supplies all the nec-
essary keys and annunciation points to maintain and moni-
tor the system. Alarm, Supervisory and Trouble conditions
are all indicated on the operator’s display by dedicated
LEDs and the internal sounder. The Acknowledge, Reset,
and Signal Silence keys are easily identified on the display.
Features
Analog/addressable and conventional input circuits.
SmartStart™ self-programming logic.
Fully modular.
160-character, four-line display.
One to 16 Signal Line Circuits (SLC) for up to 2016
analog points.
Polarity-insensitive SLC wiring (XP95 protocol).
Automatic default response for increased survivability.
1000-event history log.
Digital SLC protocol.
PC or front-panel programming.
Password protected.
Serial annunciator, remote display, and remote printer
options.
One-man, selectable-input walk test.
Automatic drift compensation.
Coded signaling.
Day/night mode settings.
Approved for Suppressant Releasing and Supervisory
Service.
UDACT compatible.
Adjustable sensor sensitivity and temperature settings.
SmartLink™ network compatible.
ID650
SmartStart™ and SmartLink™ are trademarks of Honeywell International Inc.


Similar Part No. - 72122

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
72122 GAMEWELL-FCI-72122 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
logo
Molex Electronics Ltd.
72122-C MOLEX11-72122-C Datasheet
41Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip
logo
Vishay Siliconix
72122E3 VISHAY-72122E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 72122

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF632 GAMEWELL-FCI-IF632 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
IF610-126 GAMEWELL-FCI-IF610-126 Datasheet
120Kb / 3P
   IdentiFiex 610 base analong/addressable
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
MS-95 GAMEWELL-FCI-MS-95 Datasheet
104Kb / 2P
   Analog addressable manual pull station
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com