Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E50-24MCWH-FR Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # E50-24MCWH-FR
Description  Cooper-Wheelock
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

E50-24MCWH-FR Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  E50-24MCWH-FR Datasheet HTML 1Page - Gamewell-FCI by Honeywell E50-24MCWH-FR Datasheet HTML 2Page - Gamewell-FCI by Honeywell E50-24MCWH-FR Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60127 Rev. A page 2 of 3
www.gamewell-fci.com
NOTE: All CAUTIONS and WARNINGS are identified by
the WARNING symbol. All warnings are printed in bold
capital letters.
WARNING: PLEASE READ THESE SPECIFI-
CATIONS AND ASSOCIATED INSTALLATION
INSTRUCTIONS
CAREFULLY
BEFORE
USING, SPECIFYING OR APPLYING THIS PRODUCT.
VISIT WWW.COOPERWHEELOCK.COM OR CONTACT
COOPER-WHEELOCK FOR THE CURRENT INSTALLA-
TION INSTRUCTIONS. FAILURE TO COMPLY WITH ANY
OF THESE INSTRUCTIONS, CAUTIONS OR WARNINGS
COULD RESULT IN IMPROPER APPLICATION, INSTAL-
LATION AND/OR OPERATION OF THESE PRODUCTS
IN
AN
EMERGENCY
SITUATION,
WHICH
COULD
RESULT IN PROPERTY DAMAGE, AND SERIOUS
INJURY OR DEATH TO YOU AND/OR OTHERS.
General Notes:
Strobes are designed to flash at 1 flash per second min-
imum over their “Regulated Voltage Range”.
Note that NFPA-72 specifies a flash rate of 1 to 2
flashes per second and ADA Guidelines specify a flash
rate of 1 to 3 flashes per second.
All candela ratings represent minimum effective Strobe
intensity based on UL Standard 1971.
Series NS Strobe products are listed under UL Standard
1971 for indoor use with a temperature range of 32°F to
120°F (0°C to 49°C) and max. humidity of 93% (± 2%).
“Regulated Voltage Range” is the newest terminology
used by UL to identify the voltage range. Prior to this
change, UL used the terminology “Listed Voltage
Range”.
* RMS current ratings are per UL average RMS method.
UL max current rating is the maximum RMS current within
the listed voltage range (16-33v for 24v units). For strobes
the UL max current is usually at the minimum listed voltage
(16v for 24v units). For unfiltered FWR ratings, see installa-
tion instructions.
**dBA ratings are based on UL testing under UL Standard 1480.
Architect and Engineer Specifications
The speaker appliances shall be Cooper-Wheelock Series
E50 Speakers and the speaker strobe appliances shall be
Cooper-Wheelock
Series
E50
Speaker
Strobes
or
approved equals. The speakers shall be UL Listed under
Standard 1480 for Fire Protective Service and speakers
equipped with strobes shall be listed under UL Standard
1971 for Emergency Devices for the Hearing-Impaired. In
addition, the strobes shall be certified to meet the require-
ments of FCC Part 15, Class B.
All speakers shall be designed for a field selectable input of
either 25 or 70 VRMS, with selectable power taps from 1/8
watt to 2 watts. All models shall have listed sound output of
up to 89 dBA at 10 feet and a listed frequency response of
400 to 4000 Hz. The speaker shall incorporate a sealed
back construction. All inputs shall employ terminals that
accept 12 to 18 AWG wire sizes. The strobe portion of the
appliance shall produce a flash rate of one (1) flash per
second over the regulated voltage range and shall be of
low current design. Where Multi Candela Speaker Strobes
are specified, the strobe intensity shall have field select-
able settings and shall be rated per UL Standard 1971 at
15/30/75/110cd or 135/185cd for wall mounting. The selec-
tor switch for selecting the candela shall be tamper resis-
tant. The 15/75 candela strobe shall be specified when 15
candela UL Standard 1971 Listing with 75 candela -on-axis
is required.
When synchronization is required, the strobe portion of the
appliance shall be compatible with the Cooper-Wheelock’s
SM-12/24-R and/or DSM-12/24-R modules. The strobes
shall not drift out of synchronization at any time during
operation. If the sync modules or power supply fails to
operate, (i.e., contacts remain closed), the strobe shall
revert to a non-synchronized flash rate.
The speaker and speaker strobe appliances shall be
designed for indoor flush mounting to 4” x 2-1/8”
(10.2 x
5.5.cm) electrical boxes without need for an extension ring
or surface mounting to Cooper-Wheelock’s E50SB or
E50SSB surface boxes. The speaker and speaker strobe
shall incorporate a speaker mounting plate with a snap-on
grille cover. The finish of the Series E50 speakers and
speakers strobes shall be white or red.
Table 1: Average RMS Current
E50
Speaker
Strobes
E50 Strobe Current - Wall Mount
241575W
24MCW
24MCWH
15/75cd
15cd 30cd 75cd
110cd 135cd 185cd
24 vdc
0.060
0.041 0.063 0.109 0.140 0.195 0.270
UL max*
0.090
0.060 0.092 0.165 0.220 0.300 0.420
Table 2: E50 UL Reverberant dBA @ 10 Feet**
watts
1/8
1/4
1/2
1
2
E50 Speaker
77
79.5
82.5
85
88
E50 Speaker Strobe
77
79.5
82.5
85
88
!


Similar Part No. - E50-24MCWH-FR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
E50-2FT-VMVM MINI-E50-2FT-VMVM Datasheet
227Kb / 1P
   Test Cable
E50-2FT-VMVM++ MINI-E50-2FT-VMVM+ Datasheet
227Kb / 1P
   Test Cable
More results

Similar Description - E50-24MCWH-FR

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
   Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
   Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
   Cooper-Wheelock
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
   Cooper-Wheelock AS/AH Serles
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
   Wheelock
logo
E-SWITCH
14-RB2S00045 E-SWITCH-14-RB2S00045 Datasheet
92Kb / 1P
   SILVER PLATED COOPER
14-RB2S00095 E-SWITCH-14-RB2S00095 Datasheet
88Kb / 1P
   SILVER PLATED COOPER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com